Electronic Components Datasheet Search
  English  ▼

X  

PP001076 Datasheet(PDF) 3 Page - Multicomp Pro

Part # PP001076
Description  High Temperature SIAF Flexible Silicone Wire
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP001076 Datasheet(HTML) 3 Page - Multicomp Pro

  PP001076 Datasheet HTML 1Page - Multicomp Pro PP001076 Datasheet HTML 2Page - Multicomp Pro PP001076 Datasheet HTML 3Page - Multicomp Pro PP001076 Datasheet HTML 4Page - Multicomp Pro PP001076 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page <3>
V1.0
02/04/20
High Temperature SIAF
Flexible Silicone Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Conductors
Class 5 Flexible Copper Conductors for Single Core Wire (SIAF)
Nominal Cross
Sectional Area
mm²
Max. Diameter of
Wires in Conductor
mm
Max. Resistance of Conductor at 20°C
Metal-Coated Wires
Ω/km
0.25
0.21
86
0.5
0.21
40.1
0.75
0.21
26.7
1
0.21
20
1.5
0.26
13.7
2.5
0.26
8.21
The above table is in accordance with BS EN 60228 (previously BS 6360)
Electrical Characteristics:
Flexible Core Silicone Rubber Insulated Wire (SIAF)
Nominal Cross
Sectional Area
mm²
Current Rating in Air
Amps
at 30°C
at 60°C
at 90°C
at 120°C
at 150°C
at 170°C
0.25
15
13
11
9
6
3
0.5
23
20
17
13
9
5
0.75
30
26
22
17
11
6
1
35
31
26
20
13
7
1.5
44
38
52
25
17
8
2.5
61
53
45
35
23
12
Conductor operating temperature 180°C
Part Number
Colour
No. of
Cores
Nominal Cross
Sectional Area
mm²
Nominal Thickness
of Insulation
mm
Nominal Overall
Diameter
mm
Nominal
Weight
kg/km
PP001098
Blue
1
2.5
0.7
3.5
34
PP001099
Brown
PP001100
Green/Yellow
PP001101
Black
PP001102
Red
PP001103
White



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com