Electronic Components Datasheet Search
  English  ▼

X  

PP001076 Datasheet(PDF) 1 Page - Multicomp Pro

Part # PP001076
Description  High Temperature SIAF Flexible Silicone Wire
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP001076 Datasheet(HTML) 1 Page - Multicomp Pro

  PP001076 Datasheet HTML 1Page - Multicomp Pro PP001076 Datasheet HTML 2Page - Multicomp Pro PP001076 Datasheet HTML 3Page - Multicomp Pro PP001076 Datasheet HTML 4Page - Multicomp Pro PP001076 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page <1>
V1.0
02/04/20
High Temperature SIAF
Flexible Silicone Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Application:
Designed for use in environments where sustained heat resistance is required, SIAF wire has heat resistant properties up to
180°C and can also be employed at temperatures as low as -60°C. This wire is low smoke zero halogen and is suitable for
power plants, a wide range of industrial applications in processing, packaging, refrigeration, foundaries, air craft construction
and ship building.
Construction:
Conductor:
SIAF/H05S-K - Class 5 flexible tinnned copper conductor according to BS EN 60228 (previously BS 6360)
Insulation:
Silicone rubber
Characteristics:
Voltage Rating (Uo/U)
0.25mm2 to 2.5mm2 : 300/500V
Temperature Rating:
Fixed: -60°C to +180°C
Min. Bending Radius:
Fixed
: 4 x overall diamater
Sheath Colour:
Blue, Brown, Green/Yellow, Black, Red, White, Green, Grey, Purple & Yellow


Similar Part No. - PP001076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001070 ETC2-PP001070 Datasheet
184Kb / 3P
FR-PVC Power and Control Cable
PP001071 ETC2-PP001071 Datasheet
184Kb / 3P
FR-PVC Power and Control Cable
PP001072 ETC2-PP001072 Datasheet
184Kb / 3P
FR-PVC Power and Control Cable
PP001073 ETC2-PP001073 Datasheet
184Kb / 3P
FR-PVC Power and Control Cable
More results

Similar Description - PP001076

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MS-GK SHIELD-MS-GK Datasheet
71Kb / 1P
Silicone, high and low temperature
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001084 ETC2-PP001084 Datasheet
252Kb / 4P
High Temperature SIAF
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Greystone Energy System...
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-HATXDC GREYSTONE-PS-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
logo
Omega Engineering, Inc.
HTRG-1CU OMEGA-HTRG-1CU Datasheet
211Kb / 1P
Silicone Rubber Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com