Electronic Components Datasheet Search
  English  ▼

X  

SG2003 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SG2003
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003 Datasheet(HTML) 5 Page - SG Micro Corp

  SG2003 Datasheet HTML 1Page - SG Micro Corp SG2003 Datasheet HTML 2Page - SG Micro Corp SG2003 Datasheet HTML 3Page - SG Micro Corp SG2003 Datasheet HTML 4Page - SG Micro Corp SG2003 Datasheet HTML 5Page - SG Micro Corp SG2003 Datasheet HTML 6Page - SG Micro Corp SG2003 Datasheet HTML 7Page - SG Micro Corp SG2003 Datasheet HTML 8Page - SG Micro Corp SG2003 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SG2003/A
SG2004/A
5
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 1V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Ground Pin Current vs.Input Voltage
0
20
40
60
80
100
01
23
45
6
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 2.5V
Ground Pin Current vs.Input Voltage
0
50
100
150
200
0123
456
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 3.3V
Output Voltage vs.Input Voltage
0
1
2
3
4
5
6
01
234
56
Input Voltage(V)
No Load
VOUT = 2.5V
VOUT = 3.3V
Ground Pin Current vs.Load Current
60
70
80
90
100
110
120
130
140
150
160
170
180
190
0
100
200
300
400
Load Current(mA)
VOUT = 2.5V
VOUT = 3.3V
Output Voltage vs.Load Current
2.4
2.45
2.5
2.55
2.6
0
100
200
300
400
Load Current(mA)
VOUT = 2.5V
Output Vlotage vs.Load Current
3.25
3.275
3.3
3.325
3.35
0
100
200
300
400
Load Current(mA)
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com