Electronic Components Datasheet Search
  English  ▼

X  

SG2003 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SG2003
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SG2003 Datasheet HTML 4Page - SG Micro Corp SG2003 Datasheet HTML 5Page - SG Micro Corp SG2003 Datasheet HTML 6Page - SG Micro Corp SG2003 Datasheet HTML 7Page - SG Micro Corp SG2003 Datasheet HTML 8Page - SG Micro Corp SG2003 Datasheet HTML 9Page - SG Micro Corp SG2003 Datasheet HTML 10Page - SG Micro Corp SG2003 Datasheet HTML 11Page - SG Micro Corp SG2003 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SG2003/A
SG2004/A
8
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Current limit vs.Temperature
300
400
500
600
700
800
900
1000
1100
1200
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
VOUT = 3.3V
Output Voltage vs.Temperature
2.4
2.45
2.5
2.55
2.6
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
ILOAD = 300mA
VOUT = 2.5V
Output Voltage vs.Temperature
3.2
3.25
3.3
3.35
3.4
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
ILOAD = 300mA
VOUT = 3.3V
Ground Pin Current vs.Temperature
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
VOUT = 2.5V
VOUT = 3.3V
ILOAD = 300mA
Dropout Voltage vs.Load Current
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
Load Current(mA)
TA = -40℃
TA = +25℃
TA = +85℃
TA = +125℃
VOUT = 2.5V
Dropout Voltage vs.Load Current
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
Load Current(mA)
TA = -40℃
TA = +25℃
TA = +85℃
T
A = +125℃
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com