Electronic Components Datasheet Search
  English  ▼

X  

ACT4060 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4060
Description  Wide Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4060 Datasheet HTML 1Page - Active-Semi, Inc ACT4060 Datasheet HTML 2Page - Active-Semi, Inc ACT4060 Datasheet HTML 3Page - Active-Semi, Inc ACT4060 Datasheet HTML 4Page - Active-Semi, Inc ACT4060 Datasheet HTML 5Page - Active-Semi, Inc ACT4060 Datasheet HTML 6Page - Active-Semi, Inc ACT4060 Datasheet HTML 7Page - Active-Semi, Inc ACT4060 Datasheet HTML 8Page - Active-Semi, Inc ACT4060 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACT4060
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2006 Active-Semi, Inc.
Rev8, 24-Jul-07
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4060SH
-40°C to 85°C
SOP-8
8
TUBE
ACT4060SH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 10nF capacitor between BS and SW.
2
IN
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor
in the Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
G
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 1.293V. Connect to the
resistor divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Stability Compensation in the Application Information
section.
7
EN
Enable Input. When higher than 1.3V, this pin turns the IC on. When lower than
0.7V, this pin turns the IC off. Output voltage is discharged when the IC is off.
When left unconnected, EN is pulled up to 4.5V tip with a 2µA pull-up current.
8
N/C
Not Connected.
SOP-8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com