Electronic Components Datasheet Search
  English  ▼

X  

ACT4060 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4060
Description  Wide Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4060 Datasheet HTML 1Page - Active-Semi, Inc ACT4060 Datasheet HTML 2Page - Active-Semi, Inc ACT4060 Datasheet HTML 3Page - Active-Semi, Inc ACT4060 Datasheet HTML 4Page - Active-Semi, Inc ACT4060 Datasheet HTML 5Page - Active-Semi, Inc ACT4060 Datasheet HTML 6Page - Active-Semi, Inc ACT4060 Datasheet HTML 7Page - Active-Semi, Inc ACT4060 Datasheet HTML 8Page - Active-Semi, Inc ACT4060 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2006 Active-Semi, Inc.
FEATURES
2A Output Current
Up to 95% Efficiency
4.75V to 20V Input Range
8µA Shutdown Supply Current
420kHz Switching Frequency
Adjustable Output Voltage
Cycle-by-Cycle Current Limit Protection
Thermal Shutdown Protection
Frequency FoldBack at Short Circuit
Stability with Wide Range of Capacitors,
Including Low ESR Ceramic Capacitors
SOP-8 Package
APPLICATIONS
TFT LCD Monitors
Portable DVDs
Car-Powered or Battery-Powered Equipments
Set-Top Boxes
Telecom Power Supplies
DSL and Cable Modems and Routers
Termination Supplies
GENERAL DESCRIPTION
The ACT4060 is a current-mode step-down DC/DC
converter that generates up to 2A of output current
at 420kHz switching frequency. The device utilizes
Active-Semi’s proprietary ISOBCD20 process for
operation with input voltages up to 20V.
Consuming only 8
μA in shutdown mode, the
ACT4060 is highly efficient with peak operating effi-
ciency at 95%. Protection features include cycle-by-
cycle current limit, thermal shutdown, and frequency
foldback at short circuit.
The ACT4060 is available in a SOP-8 package and
requires very few external devices for operation.
TYPICAL APPLICATION CIRCUIT
ACT4060
Rev8, 24-Jul-07
Wide Input 2A Step Down Converter


Similar Part No. - ACT4060

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT4060 ACT-ACT4060 Datasheet
260Kb / 2P
SAW filter
ACT4060-448-QCC8C ACT-ACT4060-448-QCC8C Datasheet
260Kb / 2P
SAW filter
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4060ASH ACTIVE-SEMI-ACT4060ASH Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
More results

Similar Description - ACT4060

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
Wide Input 2A Step Down Converter
Rev 1, 12/2006
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
FOSLINK SEMICONDUCTOR C...
FSP3126 FOSLINK-FSP3126 Datasheet
243Kb / 9P
WIDE INPUT 2A STEP DOWN CONVERTER
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
WIDE INPUT 2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
WIDE INPUT 2A STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com