Electronic Components Datasheet Search
  English  ▼

X  

ACT4075 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4075
Description  Wide Input 2.5A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4075 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4075 Datasheet HTML 1Page - Active-Semi, Inc ACT4075 Datasheet HTML 2Page - Active-Semi, Inc ACT4075 Datasheet HTML 3Page - Active-Semi, Inc ACT4075 Datasheet HTML 4Page - Active-Semi, Inc ACT4075 Datasheet HTML 5Page - Active-Semi, Inc ACT4075 Datasheet HTML 6Page - Active-Semi, Inc ACT4075 Datasheet HTML 7Page - Active-Semi, Inc ACT4075 Datasheet HTML 8Page - Active-Semi, Inc ACT4075 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Innovative Products. Active Solutions.
- 5 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ACT4075
Rev PrA, 13-Aug-07
FB
ACT4075
RFB2
RFB1
VOUT
Output Voltage Setting
Figure 1 shows the connections for setting the out-
put voltage. Select the proper ratio of the two feed-
back resistors RFB1 and RFB2 based on the output
voltage. Typically, use RFB2 ≈ 10kΩ and determine
RFB1 from the output voltage:
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value: higher induc-
tance reduces the peak-to-peak ripple current. The
trade off for high inductance value is the increase in
inductor core size and series resistance, and the
reduction in current handling capability. In general,
select an inductance value L based on ripple current
requirement:
VOUT
1.5V
1.8V
2.5V
3.3V
5V
L
6.8μH
6.8μH
6.8μH
8.5μH
15μH
1
V
222
.
1
V
R
R
OUT
FB2
1
FB
-
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of
the converter. A low ESR capacitor is highly recom-
mended. Since large current flows in and out of this
capacitor during switching, its ESR also affects effi-
ciency.
The input capacitance needs to be higher than
10µF. The best choice is the ceramic type; however,
low ESR tantalum or electrolytic types may also be
used provided that the RMS ripple current rating is
higher than 50% of the output current. The input
capacitor should be placed close to the IN and G
pins of the IC, with shortest traces possible. In the
case of tantalum or electrolytic types, they can be
further away if a small parallel 0.1µF ceramic ca-
pacitor is placed right next to the IC.
The output capacitor also needs to have low ESR to
keep low output voltage ripple. The output ripple
voltage is:
where IOUTMAX is the maximum output current, KRIPPLE
is the ripple factor, RESR is the ESR resistance of the
output capacitor, fSW is the switching frequency, L is
the inductor value, COUT is the output capacitance. In
the case of ceramic output capacitors, RESR is very
small and does not contribute to the ripple. There-
fore, a lower capacitance value can be used for ce-
ramic type. In the case of tantalum or electrolytic
type, the ripple is dominated by RESR multiplied by the
ripple current. In that case, the output capacitor is
chosen to have sufficiently low ESR.
For ceramic output type, typically choose a capaci-
tance of about 22µF. For tantalum or electrolytic type,
choose a capacitor with less than 50mΩ ESR.
OUT
2
SW
IN
RIPPLE
RIPPLE
OUTMAX
RIPPLE
LC
f
28
V
R
K
I
V
Rectifier Diode
Use a Schottky diode as the rectifier to conduct cur-
rent when the High-Side Power Switch is off. The
Schottky diode must have current rating higher than
the maximum output current and the reverse volt-
age rating higher than the maximum input voltage.
Output Capacitor
Inductor Selection
Table 1:
Typical Inductor Values
Input Capacitor
APPLICATIONS INFORMATION
where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, IOUTMAX is the
maximum output current, and KRIPPLE is the ripple
factor. Typically, choose KRIPPLE = between 20% and
30% to correspond to the peak-to-peak ripple current
being a percentage of the maximum output current.
With this inductor value (Table 1), the peak inductor
current is IOUT × (1 + KRIPPLE / 2). Make sure that this
peak inductor current is less that the 5A current
limit. Finally, select the inductor core size so that it
does not saturate at 5A.
(1)
RIPPLE
OUTMAX
SW
IN
OUT
IN
OUT
K
I
f
V
V
V
V
L
-
(2)
(3)
Figure 1:
Output Voltage Setting



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com