Electronic Components Datasheet Search
  English  ▼

X  

ACT4075 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT4075
Description  Wide Input 2.5A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4075 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4075 Datasheet HTML 2Page - Active-Semi, Inc ACT4075 Datasheet HTML 3Page - Active-Semi, Inc ACT4075 Datasheet HTML 4Page - Active-Semi, Inc ACT4075 Datasheet HTML 5Page - Active-Semi, Inc ACT4075 Datasheet HTML 6Page - Active-Semi, Inc ACT4075 Datasheet HTML 7Page - Active-Semi, Inc ACT4075 Datasheet HTML 8Page - Active-Semi, Inc ACT4075 Datasheet HTML 9Page - Active-Semi, Inc ACT4075 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Innovative Products. Active Solutions.
- 8 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ACT4075
Rev PrA, 13-Aug-07
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 3, unless otherwise specified.)
Input Voltage (V)
8 10 12 14 16 18 20 22 24 26 28 30
Switching Frequency vs. Input Voltage
360
410
310
460
510
Output Current (A)
Surface Temperature vs. Output Current
20
80
100
120
140
40
60
0
0.5
1
1.5
2
2.5
VOUT = 5V
L = 15µH
CIN = 22µF
COUT = 22µF
VIN = 30V
VIN = 20V
VIN = 12V
Input Voltage (V)
4
5
10
15
20
25
30
Shutdown Supply Current vs. Input Voltage
0
2
6
8
10
12
14
16
18
40
70
80
90
100
50
60
Output Current (A)
30
20
10
0
0.01
0.1
1
10
Efficiency vs. Output Current
VOUT = 5V
L = 15µH
CIN = 22µF
COUT = 22µF
VIN = 20V
VIN = 30V
VIN = 8V
VIN = 12V
40
70
80
90
100
50
60
0.01
0.1
1
10
Output Current (A)
Efficiency vs. Output Current
30
20
10
VOUT = 2.5V
L = 10µH
CIN = 22µF
COUT = 22µF
0
VIN = 8V
VIN = 30V
VIN = 12V
VIN = 20V
-40
Temperature (°C)
-20
0
20
40
60
80
100
1.21
1.25
1.27
1.23
1.19
1.17
Feedback Voltage vs. Temperature
0
35
32



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com