Electronic Components Datasheet Search
  English  ▼

X  

US890 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # US890
Description  Two-Coil Fan Driver - High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US890 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button US890 Datasheet HTML 3Page - Melexis Microelectronic Systems US890 Datasheet HTML 4Page - Melexis Microelectronic Systems US890 Datasheet HTML 5Page - Melexis Microelectronic Systems US890 Datasheet HTML 6Page - Melexis Microelectronic Systems US890 Datasheet HTML 7Page - Melexis Microelectronic Systems US890 Datasheet HTML 8Page - Melexis Microelectronic Systems US890 Datasheet HTML 9Page - Melexis Microelectronic Systems US890 Datasheet HTML 10Page - Melexis Microelectronic Systems US890 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 7 of 12
Data Sheet
Rev 002
Sep/07
11 Performance Graphs
11.1 RDSON vs TA
0
0.5
1
1.5
2
2.5
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Ta (°C)
VDD = 2.5V
VDD = 5V
VDD = 18V
11.2 RDSON vs VDD
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD (Volts)
Ta = -40°C
Ta = 25°C
Ta = 85°C
Ta = 105°C
Ta = 125°C
11.3 Magnetic parameters vs TA
-6
-3
0
3
6
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Ta (°C)
Bop, VDD=2.5V
Bop, VDD=18V
Brp, VDD=2.5V
Brp, VDD=18V
Bhyst, VDD=2.5V
Bhyst, VDD=18V
11.4 Magnetic parameters vs VDD
-6
-3
0
3
6
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD (Volts)
Bop, Ta=25°C
Brp, Ta=25°C
Bhyst, Ta=25°C
11.5 IDD vs TA
0
1
2
3
4
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Ta (°C)
VDD = 2.5V
VDD = 5V
VDD = 12V
VDD = 18V
11.6 IDD vs VDD
0
1
2
3
4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD (Volts)
Ta = -40°C
Ta = 25°C
Ta = 85°C
Ta = 105°C
Ta = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com