Electronic Components Datasheet Search
  English  ▼

X  

US890 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US890
Description  Two-Coil Fan Driver - High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US890 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US890 Datasheet HTML 1Page - Melexis Microelectronic Systems US890 Datasheet HTML 2Page - Melexis Microelectronic Systems US890 Datasheet HTML 3Page - Melexis Microelectronic Systems US890 Datasheet HTML 4Page - Melexis Microelectronic Systems US890 Datasheet HTML 5Page - Melexis Microelectronic Systems US890 Datasheet HTML 6Page - Melexis Microelectronic Systems US890 Datasheet HTML 7Page - Melexis Microelectronic Systems US890 Datasheet HTML 8Page - Melexis Microelectronic Systems US890 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 3 of 12
Data Sheet
Rev 002
Sep/07
3 Glossary of Terms
Two-coil fan
A fan with two-coil windings where current alternates from 1 coil to the other
depending on the direction of the magnetic field.
MilliTesla (mT), Gauss
Units of magnetic flux density :
1mT = 10 Gauss
VDD
Voltage on the common point of the fan coils.
IDD
Current supplying the chip which flows through the coil connected to the
switched off output driver.
Peak output current
The current flowing in the coil at start-up, only limited by the coil resistance
RCOIL and the output driver resistance RDSON.
Continuous output current
The average current flowing in the coil when the fan is spinning normally.
Locked rotor
The state when the fan stopped spinning due to mechanical blockage.
FG
Frequency generator or tachometer output
RD
Rotation detection or alarm output
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Fan Supply Voltage
VDD
18
V
Peak Output Current
IOUTp
1200
mA
Continuous Output Current
IOUTc
600
mA
FG/RD Pull-Up Voltage
VFG, RD
18
V
FG/RD Reverse Current
IFG_REV, RD_REV
60
mA
Operating Temperature Range
TA
-40 to 85
°C
Junction Temperature
TJ
125
°C
Storage Temperature Range
TS
-55 to 150
°C
Magnetic Flux Density
B
Unlimited
mT
ESD Sensitivity (AEC Q100 002)
-
4
kV
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
5 Pin Definitions and Descriptions
Pin Name
Pin number
Function
FG (RD)
1
Frequency Generator (Rotation Detection) Open Drain Output
OUT1
2
Open Drain Coil Driver 1
OUT2
3
Open Drain Coil Driver 2
GND
4
Ground pin
Table 2: Pin definitions and descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com