Electronic Components Datasheet Search
  English  ▼

X  

US891 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # US891
Description  Two-Coil Fan Driver - High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US891 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  US891 Datasheet HTML 1Page - Melexis Microelectronic Systems US891 Datasheet HTML 2Page - Melexis Microelectronic Systems US891 Datasheet HTML 3Page - Melexis Microelectronic Systems US891 Datasheet HTML 4Page - Melexis Microelectronic Systems US891 Datasheet HTML 5Page - Melexis Microelectronic Systems US891 Datasheet HTML 6Page - Melexis Microelectronic Systems US891 Datasheet HTML 7Page - Melexis Microelectronic Systems US891 Datasheet HTML 8Page - Melexis Microelectronic Systems US891 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 4 of 12
Data Sheet
Rev 002
Sep/07
6 General Electrical Specifications
DC Operating Parameters TA = 25
oC, V
DD = 12V (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Fan Supply Voltage
VDD
Operating – RCOIL = 100Ω
2.6(1)
12
18
V
Supply Current
IDD
2.5
4
mA
OUT1, OUT2 ON Resistance
RDSON 1,2
VDD = 5V, TA = 25°C, IOUT = 300mA
1
1.4
Ω
OUT1, OUT2 ON Resistance
RDSON 1,2
VDD = 5V, TJ = 125°C, IOUT = 300mA
1.8
2.5
Ω
OUT1, OUT2 Output Clamp Voltage
VOUT1,2
36
V
FG / RD Output Low Voltage
VOL
IOL = 4mA
0.33
0.5
V
FG / RD Output Clamp Voltage
VCLMP
18
25
V
FG / RD Output Leakage Current
ILEAK
VFG (VRD) = 5V
0.15
10
A
FG / RD Output Current Limit
IFGLIM
VFG (VRD) = 12V
23
mA
Package Thermal Resistance
RTH
One-sided PCB, zero LFPM
200
°C/Watt
Locked Rotor Period
TON
VDD > 7V
0.25
s
Locked Rotor Period
TOFF
VDD > 7V
1.5
s
Locked Rotor Period
TON
VDD < 5.5V
0.37
0.53(2) 0.75
s
Locked Rotor Period
TOFF
VDD < 5.5V
2.25
3.2(2)
4.51
s
Output Switching Delay
TDELAY
“Dead time” when both drivers are off
50
µs
Table 3: Electrical specifications
Note 1: The minimal value of VDD should be determined using the following equation:
VDD =2.5V + RCOIL * IDD
Note 2: Typical values valid at 5.5V. The values increase at lower voltage to improve fan start-up reliability.
7 Magnetic Specifications
DC Operating Parameters TA = 25
oC, V
DD = 12V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operate point
BOP
0
6
mT
Release point
BRP
-6
0
mT
Hysteresis
BHYST
2
4.5
10
mT
Table 4: Magnetic specifications
8 Driver Output vs Magnetic Pole
Parameter
Test Conditions
OUT1
OUT2
FG
North pole
B < Brp
High
Low
High
South pole
B > Bop
Low
High
Low
Table 5: Driver output vs magnetic pole
Note 1: The magnetic pole is applied facing the branded side of the package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com