Electronic Components Datasheet Search
  English  ▼

X  

US891 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # US891
Description  Two-Coil Fan Driver - High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US891 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button US891 Datasheet HTML 4Page - Melexis Microelectronic Systems US891 Datasheet HTML 5Page - Melexis Microelectronic Systems US891 Datasheet HTML 6Page - Melexis Microelectronic Systems US891 Datasheet HTML 7Page - Melexis Microelectronic Systems US891 Datasheet HTML 8Page - Melexis Microelectronic Systems US891 Datasheet HTML 9Page - Melexis Microelectronic Systems US891 Datasheet HTML 10Page - Melexis Microelectronic Systems US891 Datasheet HTML 11Page - Melexis Microelectronic Systems US891 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 11 of 12
Data Sheet
Rev 002
Sep/07
17 VK Package Information (4-pin TO-92)
5.22+/-0.10
4.20+/-0.10
0.46
+0.02
- 0.03
0.38+/-0.03
1.27+/-0.03
3.81+/-0.03
0.00
0.20
1.55+/-0.10
0.73+/-0.10
3°+2 (2X)
5°
(2X)
+2
-1
0.38+/-0.03
0.30+/-0.10
(2X)
3°+2
(2X)
5°
(2X)
+2
-1
Notes:
1. All dimensions are in millimeters
2. Package dimension exclude molding flash.
Mold flash shall not exceed 0.127mm.
3. To preserve reliability, it is recommended to
have total lead length equal to 2.5mm
minimum, measured from the package line.
4. VK package is a pin though-hole package,
hence adapted for wave soldering process.
A reflow soldering process is not
recommended with VK package as it may
seriously affect device reliability.
Marking:
1st Line : US890 (US891) - Name of the device
2nd Line : XXYWW
XX - lot number (last 2 digits)
Y - assembly year (last digit)
WW - assembly week number
Hall plate location
1.9
Notes:
1. All dimensions are in millimeters
0.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com