Electronic Components Datasheet Search
  English  ▼

X  

42M048C Datasheet(PDF) 1 Page - Mclennan Servo Supplies Ltd.

Part # 42M048C
Description  Permanent magnet stepper motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

42M048C Datasheet(HTML) 1 Page - Mclennan Servo Supplies Ltd.

  42M048C Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. 42M048C Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L7
L1
L2
L3
L5
L4
L3
∅ D2
∅ D1
∅D4
L4
∅ D3
L8
D4
L6
L8
Form 1A
Form 2
Permanent magnet stepper motors
Commercial series
The M series instrument stepper motors are high quality permanent
magnet types providing a choice of 18,15, 7.5 or 3.6 degree step angle.
The motors may be specified fitted with gearheads where increased
torque and resolution are required at reduced operating speed. The M
series motors offer excellent performance combined with low pricing.
They are ideally suited to instrumentation applications where large
production volumes are likely. A comprehensive programme of drives,
power supplies and controllers are available for the small volume user
to construct advanced single and multi-axis positioning systems.
Dimensions:
motor type
form
dimensions mm
D1
D2
D3
D4
L1
L2
L3
L4
L5
L6
L7
L8
15M020D
1 A
15.01
1.5
5.97
2.2
15.11
10
24
20
1.5
0.8
2.1
90
26S024B
26M048B
1 A
26.2
2.0
7.92
10
3.3
13.3
13.72
12.7
11.3
42.8
35
3.8
1.52
0.8
Nil
3.4
191
35L048B
1 A
36
2.0
10
3.2
21.1
11.3
50
42
1.8
0.8
2
191
42M048C
1 A
42
3.0
10
3.5
22.0
11.4
56.5
49.5
1.52
0.8
3.5
305
60L 048B
1 A
59.2
6.35
12
4.3
37.9
19.1
79.4
66.68
2.0
1.6
Nil
305
42M100B-2U
2
42
3.0
10
3.5
15.5
11.4
42
35
1.52
0.8
3.4
305
42M100B-1U
1 A
42
3.0
10
3.5
15.5
11.4
56.5
49.48
1.52
0.8
3.4
305
MV82801
2
59.2
6.0
12
4.3
37.9
18
65
56
2.03
1.6
2.23
305
Specification
motor type
step
holding
rotor
resistance
current
inductance
number
mass
angle
torque
inertia
per phase
per phase
per phase
of leads or
degrees
Ncm
Kgcm
2
ohms
amps
mH
terminals
gms
15M020D-1B
18
0.388
0.00011
40
0.125
14
4
14
26S024B-2U
15
0.5
0.00045
118
0.1
33.8
6
28
26M048B-2U
110
0.1
36.5
26M048B-1U
7.5
0.9
0.0011
19.6
0.25
5.3
6
28
35L048B-2U
7.5
2.5
0.004
64
0.18
40
6
88
35L048B-1U
7.5
2.5
0.004
11
0.45
7.8
6
88
42M048C-2U
7.5
6.6
0.0134
52.4
0.23
51.7
6
144
42M048C-1U
7.5
6.6
0.0134
9.1
0.55
8.1
6
144
60L048B-2U
7.5
16.9
0.095
26.2
0.46
26.2
6
478
60L048B-1U
7.5
16.9
0.095
4.55
1.0
6.4
6
478
MV82801-P2
7.5
19.8
0.095
26
0.46
33
6
440
MV82801-P1
7.5
19.8
0.095
4.6
1.0
6
6
440
42M100B-2U
3.6
4.5
0.0118
75
0.16
37.7
6
87
42M100B-1U
3.6
4.5
0.0118
12.5
0.40
6.6
6
87
note The above motors are 4 phase units suitable for use with uni-polar or bi-polar drive circuits with the exception
of the 15M029D-1B motor which is designed specifically for Bi-polar operation .
Bi-polar versions of the other motors in the range are available to special order.
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk


Similar Description - 42M048C

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M1005 PIC-PIC-M1005 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
Permanent Magnet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com