Electronic Components Datasheet Search
  English  ▼

X  

42M048C Datasheet(PDF) 2 Page - Mclennan Servo Supplies Ltd.

Part # 42M048C
Description  Permanent magnet stepper motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

42M048C Datasheet(HTML) 2 Page - Mclennan Servo Supplies Ltd.

  42M048C Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. 42M048C Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12Vdc
35L048B-2U motor
FIG. 1
24 Vdc
Series Resistors
42M048C-1U motor
FIG. 2
DRIVE CIRCUIT
Typical permanent magnet stepper motor performance
Uni-polar drive
Uni-polar drive
Uni-polar drive
Uni-polar drive
Suitable modular drives for above motors: MSE422, PVP134, PM542
Explanation of terminology
The motors may be connected directly to a dc supply of the same value
as the motor rating. For example, the 35L048B-2U motor is a 12 Volt
rated unit and therefore may be connected directly to a 12 Vdc supply
as shown in Fig 1. This is often referred to as L/R Drive
For increased high speed performance however it is quite usual to
connect the motor to a higher supply voltage via series resistors since
the current rise time in the motor’s coils is proportional to the inductance
( L ) divided by the resistance ( R ) in the drive circuit.
For example, the 42M048C-1U motor is a 5 Volt rated unit. When
connected to a 24 Vdc supply via series resistors the ratio of
inductance/ resistance will be greatly improved. In this case the system,
as shown in Fig 2 would approximate an L/5R drive.
Alternatively a more sophisticated drive system can be employed using
chopped constant current techniques when the series resistors are not
required. A suitable drive of this type is PM542
26 series
0
0.1
0.2
0.3
0.4
0.5
0
250
500
750
1000
steps per second
26S024B
26M048B
35L048B series
0
0.5
1
1.5
2
0
500
1000
1500
steps per sec. ( 7.5 degrees )
L/R Drive
L/4R drive
42M048C series
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
250
500
750
1000
steps per sec. ( 7.5 degrees )
L/R Drive
L/5R Drive
60L048 & MV82 series
0
2
4
6
8
10
0
250
500
750
1000
steps per sec. ( 7.5 degrees )
L/R Drive
L / 5R Drive
DRIVE CIRCUIT
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com