Electronic Components Datasheet Search
  English  ▼

X  

R3K Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # R3K
Description  Submersible Flat Surface pH/ORP Electrodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

R3K Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  R3K Datasheet HTML 1Page - Omega Engineering, Inc. R3K Datasheet HTML 2Page - Omega Engineering, Inc. R3K Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D-32
Submersible Flat Surface pH/ORP Electrodes
Submersion Electrodes
The OMEGA® PHE/ORE-6510B submersible electrodes are
designed for use in drums, open tanks and streams. The flat
sensing surface is surrounded by a porous polyethylene reference
junction which minimizes fouling. Electrode installation and removal
done by a simple ¹⁄₄ turn quick disconnect. The cable assembly’s
cap has ¹⁄₂ MNPT thread, which can be connected to a coupling
and support pipe. The pipe allows easy mechanical mounting
and protects the cable from the liquid measured. The resulting
assembly is lightweight for convenient handling when maintenance
is needed. ATC is available as part of the mounting assembly.
U
CPVC or PVDF Construction
U
Designed For Mounting in Tanks,
Flumes, and Streams
U
Easy Mounting in Tanks
U
Acrylamide Gel Standard
PHE-6510B Series
Specifications
Maximum Temperature
87°C (190°F) CPVC body 100°C (212°F) PVDF body
Available Options:
“
-HF” Fluoride resistant
“
-LC” Low conductivity
“
-GL” Ground loop, for additional cost
PHE-6510B enlarged
PHE-6510B (above) and
PHEH-65-10 (above right),
both shown smaller
than actual size.
The flat surface design is well suited for applications with relatively
high suspended solids or where flocculation operations require low
velocities.
Where only low velocities are present and coating is a problem, the
electrode can be mounted at a 45° angle facing the flow so as to
obtain increased scrubbing action across the measuring surface.


Similar Part No. - R3K

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
R3K OMEGA-R3K Datasheet
362Kb / 2P
In Line Flat Surface pH/ORP Electrodes
R3K OMEGA-R3K Datasheet
273Kb / 1P
Submersible Flat Surface pH/ORP Electrodes
More results

Similar Description - R3K

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
601100 EXTECH-601100 Datasheet
130Kb / 1P
Flat surface combination pH electrode
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
407228 EXTECH-407228 Datasheet
267Kb / 1P
Heavy Duty pH/ORP/Temp Kit
logo
Endress+Hauser Group Se...
CPM223 EH-CPM223 Datasheet
1,004Kb / 24P
pH/ORP measurement
CPA250 EH-CPA250 Datasheet
501Kb / 8P
Flow assembly for pH and ORP sensors
CPA473 EH-CPA473 Datasheet
966Kb / 20P
Retractable stainless steel process assembly with ball valve for pH and ORP electrodes
11.09
CPA474 EH-CPA474 Datasheet
1,014Kb / 20P
Retractable plastic process assembly with ball valve for pH and ORP electrodes
04.10
CPS72 EH-CPS72 Datasheet
412Kb / 12P
ORP electrodes, analog and digital with Memosens technology
CPS76E EH-CPS76E Datasheet
1Mb / 12P
pH/ORP sensor for process technology
2021-04-30
CPS92D EH-CPS92D Datasheet
390Kb / 12P
ORP electrodes, digital with Memosens technology, and analog
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com