Electronic Components Datasheet Search
  English  ▼

X  

R3K Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # R3K
Description  Submersible Flat Surface pH/ORP Electrodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

R3K Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  R3K Datasheet HTML 1Page - Omega Engineering, Inc. R3K Datasheet HTML 2Page - Omega Engineering, Inc. R3K Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D-34
Ordering Examples: PHE-6510B-HF, CPVC electrode with HF resistant
glass and
PHEH-65K-10-TH700, mounting assembly with 3 m (10') cable
and 700 Series thermistor ATC.
PHE-6510B, CPVC pH electrode, and PHEH-65-20 mounting assembly with
6 m (20') cable.
Note: At the time of initial purchase, please order both electrode and
mounting assembly. Mounting assembly includes insertion assembly
and cable. If ordered with automatic temperature compensation (ATC),
the temperature compensator is built into the insertion assembly. When
electrode has expired, simply re-order electrode.
* Specify ATC Sensor
Note: Temperature compensation is not required with ORP electrodes.
Order electrode and mounting assemblies separately. Materials of
construction must be the same.
Mounting Assemblies come with 3 m (10') cable with BNC connector.
Cable lengths available up to 15 m (50') for additional cost per extra foot.
Consult Engineering for ordering information.
Submersion/Electrodes
To Order
Model No.
Description
PHE-6510B
Submersion pH electrode, CPVC
PHE-6511
Submersion pH electrode, PVDF
ORE-6510B
Submersion ORP electrode, CPVC
ORE-6511
Submersion ORP electrode, PVDF
Mounting Assemblies — Required for Installation
PHEH-65-10
CPVC without automatic temperature
compensation
PHEH-65-10-(*)
CPVC with ATC
PHEH-65K-10
PVDF without ATC
PHEH-65K-10-(*)
PVDF with ATC
Order Code Description
PT100
100 Ω Pt RTD
PT1K
1000 Ω Pt RTD
TH700
Series 700 thermistor
R3K
3000 Ω Balco
BNC
Receptacle
BNC
Receptacle
Porous
PVDF
Junction
pH Glass
Ø 23
(0.90)
81
(3.20)
FKM
O-Rings
FKM
O-Rings
PHE-6511 with PHEH-65K-10
Without ATC
PHE-6511 with
PHEH-65K-10-(*) with ATC
114
(4.5)
122
(4.8)
175
(6.9)
34
(1.32)
31.75
(1.25)
½" Coupler and
Extension Pipe
(User Supplied)
½" Coupler and
Extension Pipe
(User Supplied)
Temperature
Sensor Inside
Porous
PVDF
Junction
pH Glass
Ø 23
(0.90)
81
(3.20)
Platinum
0.51 (0.020 OD)
Sealed in Glass
Platinum
0.51 (0.020 OD)
Sealed in Glass
BNC
Receptacle
BNC
Receptacle
Porous
PVDF
Junction
pH Glass
Ø 23
(0.90)
81
(3.20)
FKM
O-Rings
FKM
O-Rings
PHE-6511 with PHEH-65K-10
Without ATC
PHE-6511 with
PHEH-65K-10-(*) with ATC
114
(4.5)
122
(4.8)
175
(6.9)
34
(1.32)
31.75
(1.25)
½" Coupler and
Extension Pipe
(User Supplied)
½" Coupler and
Extension Pipe
(User Supplied)
Temperature
Sensor Inside
Porous
PVDF
Junction
pH Glass
Ø 23
(0.90)
81
(3.20)
Platinum
0.51 (0.020 OD)
Sealed in Glass
Platinum
0.51 (0.020 OD)
Sealed in Glass
Dimensions: mm (inch)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com