Electronic Components Datasheet Search
  English  ▼

X  

PVS7 Datasheet(PDF) 5 Page - E-SWITCH

Part # PVS7
Description  PVS7 Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVS7 Datasheet(HTML) 5 Page - E-SWITCH

  PVS7 Datasheet HTML 1Page - E-SWITCH PVS7 Datasheet HTML 2Page - E-SWITCH PVS7 Datasheet HTML 3Page - E-SWITCH PVS7 Datasheet HTML 4Page - E-SWITCH PVS7 Datasheet HTML 5Page - E-SWITCH PVS7 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-switch.com
800.867.2717
5
PVS7 Series Anti-vandal Switch
Panel Cutout
Standard LED
Wire Lead
SHEET OF
4
5
PVS7 Catalog Drawing 5/29/2019
BOTTOM VIEW
SHOWN WITHOUT
WIRING
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 11.0mm
** WIRE LEADS PROVIDED ARE DEPENDANT ON THE FUNCTION AND/OR ILLUMINATION SELECTED **
SWITCH
WIRE
LENGTH
SW1-1
WIRE, 24AWG AWM UL1015, YELLOW
300.0 [11.8 in]
SW1-2
WIRE, 24AWG AWM UL1015, BLUE
300.0 [11.8 in]
SW1-3
WIRE, 24AWG AWM UL1015, GREEN
300.0 [11.8 in]
SW1-4
WIRE, 24AWG AWM UL1015, PURPLE
300.0 [11.8 in]
SW1-5
WIRE, 24AWG AWM UL1015, ORANGE
300.0 [11.8 in]
SW1-6
WIRE, 24AWG AWM UL1015, WHITE
300.0 [11.8 in]
SW1- (+)
WIRE, 24AWG AWM UL1015, RED
300.0 [11.8 in]
SW1- (-)
WIRE, 24AWG AWM UL1015, BLACK
300.0 [11.8 in]
25.4
[1.0 in]
(
)
HEATSHRINK OVER
SOLDERED CONNECTIONS
WIRE TIE
(8) WIRE, 24 AWG,
AWM UL1015 WITH
ENDS PRE-STRIPPED
300.010.0
11.8.4 in
[
]
13.02.0
.5.1 in
[
]
TERMINAL 6
TERMINAL 5
TERMINAL 4
TERMINAL 2
TERMINAL 1
(+)
TERMINAL 3
(-)
22.00
-.00
.20
+
.866 -.000
.008
+
in
[
]
10.50 -.00
.10
+
.413 -.000
.004
+
in
[
]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com