Electronic Components Datasheet Search
  English  ▼

X  

PVS7 Datasheet(PDF) 2 Page - E-SWITCH

Part # PVS7
Description  PVS7 Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVS7 Datasheet(HTML) 2 Page - E-SWITCH

  PVS7 Datasheet HTML 1Page - E-SWITCH PVS7 Datasheet HTML 2Page - E-SWITCH PVS7 Datasheet HTML 3Page - E-SWITCH PVS7 Datasheet HTML 4Page - E-SWITCH PVS7 Datasheet HTML 5Page - E-SWITCH PVS7 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.e-switch.com
800.867.2717
2
PVS7 Series Anti-vandal Switch
Panel Cutout
Standard LED
Functions 3, B, G & H
SPDT LED
SPDT Non Ill
DPDT LED
DPDT Non Ill
SHEET OF
1
5
PVS7 Catalog Drawing 5/19/2019
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 11.0mm
-
(REVERSE)
(FORWARD)
(-)
+
-
2
3
1
1
(+)
+
2
3
1
1
1
1
4
4
3
2
6
5
(+)
-
(REVERSE)
+
(FORWARD)
-
(-)
+
1
1
4
4
3
2
6
5
FUNCTION "3", "B", "G" AND "H"
5.20
[.205 in]
.50
[.020 in]
12.00
[.472 in]
M22 X 1.0
38.01.0
1.50.04 in
[
]
TERMINAL 1
TERMINAL 2
TERMINAL 3
TERMINAL 4
TERMINAL 5
TERMINAL 6
(-)
(+)
2.80
[.110 in]
10.00
[.394 in]
2.50
[.098 in]
36.91.0
1.45.04 in
[
]
DPDT ILLUMINATED OPTION
SHOWN LED (+) AND (-)
TERMINALS ARE NOT
INCLUDED ON THE
NON-ILLUMINATED OPTION
TERMINALS 4,5 AND 6 ARE
NOT ON THE SPDT VERSION
FUNCITONS 3 & B ARE SPDT
FUNCTIONS G & H ARE DPDT
22.00
-.00
.20
+
.866 -.000
.008
+
in
[
]
25.00
[.984 in]
25.00
[.984 in]
32.00
[1.260 in]
10.50 -.00
.10
+
.413 -.000
.004
+
in
[
]
RING ILLUMINATED
(OPTIONAL)
15.30
[.602 in]
11.70
[.461 in]
21.35.15
.841.006 in
[
]
FLAT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com