Electronic Components Datasheet Search
  English  ▼

X  

EVB72016 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # EVB72016
Description  433MHz FSK/ASK Transmitter Evaluation Board Description
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72016 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button EVB72016 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EVB72016
433MHz FSK/ASK Transmitter
Evaluation Board Description
3901272016 01
Page 7 of 12
EVB Description
Rev. 004
June/07
3
50
Ω Connector Board Circuit Diagram
Fig. 6:
Circuit diagram with 50
Ω matching network
3.1
Board Component Values
Part
Size
Value
@ 433.92 MHz
Tolerance
Description
CM1
0805
5.6 pF
±5%
impedance matching capacitor
CM2
0805
10 pF
±5%
impedance matching capacitor
CM3
0805
82 pF
±5%
impedance matching capacitor
LM
0805
33 nH
±5%
impedance matching inductor
LT
0805
33 nH
±5%
output tank inductor
CX1_FSK
0805
10 pF
±5%
XOSC FSK capacitor (
Δf = ±20 kHz), note 1
CX1_ASK
0805
18 pF
±5%
XOSC ASK capacitor, trimmed to fC, note 1
CX2
0805
27 pF
±5%
XOSC capacitor (
Δf = ±20 kHz), note 1, only needed for FSK
CCK
0805
18 pF/ 180 pF
±5%
capacitor to control clock voltage swing (CKDIV 0 / 1)
RPS
0805
NIP
±5%
power-select resistor, see data sheet section 4.6 and 4.7
R1
0805
0
Ω
±5%
ASK jumper (for ASK only), see data sheet section 4.7
CB0
1206
220 nF
±20%
de-coupling capacitor
CB1
0805
330 pF
±10%
de-coupling capacitor
XTAL
SMD
6x3.5
13.5600 MHz
±30ppm cal., ±30ppm temp.
fundamental-mode crystal,
CL = 10 pF, C0, max = 5 pF, R1 = 50
Ω
CK
0805
1 nF
±10%
ROI coupling capacitor, only required for
external reference frequency input
Note 1:
depends on crystal parameters, other ∆f values can be selected with other CX1, CX2 values
NIP – not in place, may be used optionally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com