Electronic Components Datasheet Search
  English  ▼

X  

EVB72016 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # EVB72016
Description  433MHz FSK/ASK Transmitter Evaluation Board Description
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72016 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button EVB72016 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72016 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EVB72016
433MHz FSK/ASK Transmitter
Evaluation Board Description
3901272016 01
Page 8 of 12
EVB Description
Rev. 004
June/07
3.2
50
Ω Connector Board PCB Top View
Board size is 27 mm x 42 mm
3.3
Board Connection
VCC
Power supply (1.95 V to 5.5 V)
CKDIV
Clock divider input, (CMOS, see sect. 2.9)
FSKD Input for FSK data (CMOS, see section 2.2)
CKOUT Clock output, (CMOS, see section 2.9)
ASKD Input for ASK data (CMOS, see section 2.4)
RO
External reference frequency input
EN
Mode control pin (see section 2.8)
Several ground pins
72016
5
2
10
6
CB0
CX1
CX2
LT
CM1
CM3
CM2
XTAL
12
3
4
5
6
7
8
9
1
23
4
56
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com