| Electronic Components Datasheet Search |
|
TH72031 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
TH72031 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems |
|
19 / 20 page ![]() TH72031 868/915MHz FSK Transmitter 3901072031 Page 19 of 20 Data Sheet Rev. 008 June/07 8 Reliability Information This Melexis device is classified and qualified regarding soldering technology, solderability and moisture sensitivity level, as defined in this specification, according to following test methods: Reflow Soldering SMD’s (Surface Mount Devices) • IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices (classifi- cation reflow profiles according to table 5-2)” • EIA/JEDEC JESD22-A113 “Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing (reflow profiles ac- cording to table 2)” Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices) • EN60749-20 “Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat” • EIA/JEDEC JESD22-B106 and EN60749-15 “Resistance to soldering temperature for through-hole mounted devices” Iron Soldering THD’s (Through Hole Devices) • EN60749-15 “Resistance to soldering temperature for through-hole mounted devices” Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices) • EIA/JEDEC JESD22-B102 and EN60749-21 “Solderability” For all soldering technologies deviating from above mentioned standard conditions (regarding peak tempera- ture, temperature gradient, temperature profile etc) additional classification and qualification tests have to be agreed upon with Melexis. The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance of adhesive strength between device and board. Melexis is contributing to global environmental conservation by promoting lead free solutions. For more in- formation on qualification of RoHS compliant products (RoHS = European directive on the Restriction Of the Use of Certain Hazardous Substances) please visit the quality page on our website: http://www.melexis.com/quality_leadfree.aspx 9 ESD Precautions Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |