Electronic Components Datasheet Search
  English  ▼

X  

TH72031 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH72031
Description  868/915MHz FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72031 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH72031 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72031 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TH72031
868/915MHz
FSK Transmitter
3901072031
Page 3 of 20
Data Sheet
Rev. 008
June/07
1
Theory of Operation
1.1
General
As depicted in Fig.1, the TH72031 transmitter consists of a fully integrated voltage-controlled oscillator
(VCO), a divide-by-32 divider (div32), a phase-frequency detector (PFD) and a charge pump (CP). An inter-
nal loop filter determines the dynamic behavior of the PLL and suppresses reference spurious signals. A
Colpitts crystal oscillator (XOSC) is used as the reference oscillator of a phase-locked loop (PLL) synthe-
sizer. The VCO’s output signal feeds the power amplifier (PA). The RF signal power Pout can be adjusted in
four steps from Pout = –12 dBm to +9.5 dBm, either by changing the value of resistor RPS or by varying the
voltage VPS at pin PSEL. The open-collector output (OUT) can be used either to directly drive a loop antenna
or to be matched to a 50Ohm load. Bandgap biasing ensures stable operation of the IC at a power supply
range of 1.95 V to 5.5 V.
1.2
Block Diagram
Fig. 1:
Block diagram with external components
CX1
FSKDTA
antenna
matching
network
VEE
XOSC
low
voltage
detector
PA
XBUF
VCO
PLL
CP
PFD
32
OUT
PSEL
RPS
FSKSW
ROI
XTAL
CX2
8
1
7
5
3
2
mode
control
ENTX
4
6
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com