Electronic Components Datasheet Search
  English  ▼

X  

TH72005 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # TH72005
Description  315MHz FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72005 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button TH72005 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 15Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 16Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 17Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 18Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 19Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 20Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
TH72005
315MHz
FSK/ASK Transmitter
39010 72005
Page 19 of 20
Data Sheet
Rev. 008
June/07
8
Reliability Information
This Melexis device is classified and qualified regarding soldering technology, solderability and moisture
sensitivity level, as defined in this specification, according to following test methods:
Reflow Soldering SMD’s (Surface Mount Devices)
•
IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices (classifi-
cation reflow profiles according to table 5-2)”
•
EIA/JEDEC JESD22-A113
“Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing (reflow profiles ac-
cording to table 2)”
Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
•
EN60749-20
“Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat”
•
EIA/JEDEC JESD22-B106 and EN60749-15
“Resistance to soldering temperature for through-hole mounted devices”
Iron Soldering THD’s (Through Hole Devices)
•
EN60749-15
“Resistance to soldering temperature for through-hole mounted devices”
Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
•
EIA/JEDEC JESD22-B102 and EN60749-21
“Solderability”
For all soldering technologies deviating from above mentioned standard conditions (regarding peak tempera-
ture, temperature gradient, temperature profile etc) additional classification and qualification tests have to be
agreed upon with Melexis.
The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance of
adhesive strength between device and board.
Melexis is contributing to global environmental conservation by promoting lead free solutions. For more in-
formation on qualification of RoHS compliant products (RoHS = European directive on the Restriction Of the
Use of Certain Hazardous Substances) please visit the quality page on our website:
http://www.melexis.com/quality_leadfree.aspx
9
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com