Electronic Components Datasheet Search
  English  ▼

X  

TH72005 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH72005
Description  315MHz FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72005 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH72005 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TH72005
315MHz
FSK/ASK Transmitter
39010 72005
Page 3 of 20
Data Sheet
Rev. 008
June/07
1
Theory of Operation
1.1
General
As depicted in Fig.1, the TH72005 transmitter consists of a fully integrated voltage-controlled oscillator
(VCO), a divide-by-32 divider (div32), a phase-frequency detector (PFD) and a charge pump (CP). An inter-
nal loop filter determines the dynamic behavior of the PLL and suppresses reference spurious signals. A
Colpitts crystal oscillator (XOSC) is used as the reference oscillator of a phase-locked loop (PLL) synthe-
sizer. The VCO’s output signal feeds the power amplifier (PA). The RF signal power Pout can be adjusted in
four steps from Pout = –12 dBm to +11 dBm, either by changing the value of resistor RPS or by varying the
voltage VPS at pin PSEL. The open-collector output (OUT) can be used either to directly drive a loop antenna
or to be matched to a 50Ohm load. Bandgap biasing ensures stable operation of the IC at a power supply
range of 1.95 V to 5.5 V.
1.2
Block Diagram
Fig. 1:
Block diagram with external components
2
Functional Description
2.1
Crystal Oscillator
A Colpitts crystal oscillator with integrated functional capacitors is used as the reference oscillator for the PLL
synthesizer. The equivalent input capacitance CRO offered by the crystal oscillator input pin ROI is about
18pF. The crystal oscillator is provided with an amplitude control loop in order to have a very stable fre-
quency over the specified supply voltage and temperature range in combination with a short start-up time.
CX1
FSKDTA
antenna
matching
network
XOSC
PA
XBUF
VCO
PLL
CP
PFD
32
OUT
PSEL
RPS
FSKSW
ROI
XTAL
CX2
VEE
7
VEE
9
2
8
6
4
3
1
ASKDTA
low
voltage
detector
10
VCC
mode
control
ENTX
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com