Electronic Components Datasheet Search
  English  ▼

X  

TH8056 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH8056
Description  Enhanced Single Wire CAN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8056 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH8056 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TH8056
Enhanced Single Wire CAN Transceiver
TH8056 – Datasheet
Page 13 of 26
3901008056
March 2007
Rev 012
3.5
Vbat INPUT pin
Vehicle Battery Voltage
The transceiver is fully operational as described in chapter 2 over the range 6V<Vbat IC<18V as measured
between the GND pin and this pin.
For 5V < Vbat IC < 6V the bus operates in normal mode with reduced dominant output voltage and reduced
receiver input voltage. High voltage wake-up call is not possible (dominant output voltage is the same as in
normal or high-speed mode).
The transceiver operates in normal mode and high-voltage wake-up mode if 18V < Vbat IC < 26.5V at 85°C for
one minute.
For 0V< Vbat IC < 4.8V, the bus is passive (not driven dominantly) and RxD is undriven (high), regardless of
the state of the TxD pin (under-voltage lock-out).
3.6
CAN BUS pin
Bus Input/Output
Wave Shaping in normal and HVWU mode
Wave shaping is incorporated into the transmitter to minimize EMI radiated emissions. An important
contributor to emissions is the rise and fall times during output transitions at the “corners” of the voltage
waveform. The resultant waveform is one half of a sine wave of frequency 50 – 65 kHz at the rising
waveform edge and one quarter of this sine wave at falling or trailing edge.
Short circuits
If the CAN BUS pin is shorted to ground for any duration of time, the current is limited to the specified value,
until an over-temperature shut-down circuit disables the output high side drive source transistor (before the
local die temperature exceeds the damage limit threshold).
Loss of ground
In case of an ECU loss of ground condition, the LOAD pin is switched into high impedance state. The CANH
transmission is continued until the under-voltage lock-out voltage threshold is detected.
Loss of battery
In case of battery loss (VBAT = 0 or open) the transceiver does not disturb bus communication. The
maximum reverse current into power supply system doesn’t exceed 500µA.
3.7
INH Pin (TH8056 KDC A only)
This Pin is a high-voltage highside switch used to control the ECU’s regulated microcontroller voltage supply.
After power-on the transceiver automatically enters an intermediate standby mode, the INH output will
become HIGH (VBAT) and therefore the external voltage regulator will provide the Vcc supply for the ECU .
If there is no mode change within the time stated, the transceiver reenters the sleep mode and the INH
output goes to logic 0 (floating). When the transceiver has detected a valid wake-up condition (bus HVWU
traffic which exceeds the wake-up filter time delay) the INH output will become HIGH (VBAT) again and the
same procedure starts as described after power-on. In case of a mode change into any active mode the
sleep timer is stopped and INH keeps high (VBAT) level. If the transceiver enters the sleep mode (M0,1=0),
INH goes to logic 0 (floating) no sooner than 100ms when no wake-up signal is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com