Electronic Components Datasheet Search
  English  ▼

X  

TH8056 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # TH8056
Description  Enhanced Single Wire CAN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8056 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button TH8056 Datasheet HTML 17Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 18Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 22Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 23Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 24Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TH8056
Enhanced Single Wire CAN Transceiver
TH8056 – Datasheet
Page 21 of 26
3901008056
March 2007
Rev 012
6. Tape and Reel Specification
6.1
Tape Specification
max. 10°
Top View
Sectional View
max. 10°
IC pocket
R
m
in
.
W
F
E
Cover Tape
P
0
P
2
D0
P
1
D
1
< A
0 >
B
0
G
2
G
1
T
2
T
T1
B1
K0
S
1
Ab i k l i ht
Standard Reel with diameter of 13“
Package
Parts per Reel
Width
Pitch
SOIC14
2500
16 mm
8 mm
SOIC8
2500
12 mm
8 mm
D0
E
P0
P2
Tmax
T1 max
G1 min
G2 min
B1 max
D1 min
F
P1
Rmin
T2 max
W
SOIC14
1.5
+0.1
1.75
±0.1
4.0
±0.1
2.0
±0.1
0.6
0.1
0.75
0.75
12.1
1.5
7.5
±0.1
4 – 12
±0.1
30
8.0
16.0
±0.3
SOIC8
1.5
+0.1
1.75
±0.1
4.0
±0.1
2.0
±0.1
0.6
0.1
0.75
0.75
8.2
1.5
5.5
±0.05
4
±0.1
30
6.5
12.0
±0.3
A0, B0, K0 can be calculated with package specification.
Cover Tape width 13.3 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com