Electronic Components Datasheet Search
  English  ▼

X  

TH8082 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH8082
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH8082 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 13 of 26
3901008082
Feb 2007
Rev 007
3.4
LIN BUS Transceiver
The transceiver consists a bus-driver (1.2V@40mA) with slew rate control, current limitation and as well in
the receiver a high voltage comparator followed by a debouncing unit.
BUS Input/Output
The recessive BUS level is generated from the integrated 30k pull up resistor in serial with a diode This
diode prevent the reverse current of VBUS during differential voltage between VS and BUS (VBUS>VS).
No additional termination resistor is necessary to use the TH8082 in LIN slave nodes. If this IC is used for
LIN master nodes it is necessary that the BUS pin is terminated via a external 1k
Ω resistor in serial with a
diode to VBAT or INH (See chapter 4.4 Short circuit to ground).
TxD Input
During transmission the data at the pin TxD will be transferred to the BUS driver for generating a BUS signal.
To minimize the electromagnetic emission of the bus line, the BUS driver is equipped with an integrated slew
rate control and wave shaping unit.
Transmitting will be interrupted in the following cases:
-
Sleep mode
-
Thermal Shutdown active
-
VBAT standby
The CMOS compatible input TxD controls directly the BUS level:
TxD = low
->
BUS = low (dominant level)
TxD = high
->
BUS = high (recessive level)
The TxD pin has an internal pull up resistor connected to VCC. This secures that an open TxD pin generates
a recessive BUS level.
RxD Output
The data signals from the BUS pin will be transferred continuously to the pin RxD. Short spikes on the bus
signal are suppressed by the implemented debouncing circuit.
BUS
RxD
t < trec_deb
t < trec_deb
VS
50%
60%
40%
VhHYS
VBUS_CNT_max
VBUS_CNT_min
Figure 7 - Receive impulse diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com