Electronic Components Datasheet Search
  English  ▼

X  

TH8082 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # TH8082
Description  Enhanced SoloLIN Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8082 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button TH8082 Datasheet HTML 17Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 18Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 22Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 23Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 24Page - Melexis Microelectronic Systems TH8082 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TH8082
Enhanced SoloLIN Transceiver
TH8082 – Datasheet
Page 21 of 26
3901008082
Feb 2007
Rev 007
7. Mechanical Specification SOIC8
Small Outline Integrated Circiut (SOIC), SOIC 8, 150 mil
A1
B
C
D
E
e
H
h
L
A
α
ZD
A2
All Dimension in mm, coplanarity < 0.1 mm
min
max
0.10
0.25
0.36
0.46
0.19
0.25
4.80
4.98
3.81
3.99
1.27
5.80
6.20
0.25
0.50
0.41
1.27
1.52
1.72
0°
8°
0.53
1.37
1.57
All Dimension in inch, coplanarity < 0.004”
min
max
0.004
0.0098
0.014
0.018
0.0075
0.0098
0.189
0.196
0.150
0.157
0.050
0.2284
0.244
0.0099
0.0198
0.016
0.050
0.060
0.068
0°
8°
0.021
0.054
0.062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com