Electronic Components Datasheet Search
  English  ▼

X  

DC200MP Datasheet(PDF) 1 Page - Opto 22

Part # DC200MP
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

DC200MP Datasheet(HTML) 1 Page - Opto 22

  DC200MP Datasheet HTML 1Page - Opto 22 DC200MP Datasheet HTML 2Page - Opto 22 DC200MP Datasheet HTML 3Page - Opto 22 DC200MP Datasheet HTML 4Page - Opto 22 DC200MP Datasheet HTML 5Page - Opto 22 DC200MP Datasheet HTML 6Page - Opto 22 DC200MP Datasheet HTML 7Page - Opto 22 DC200MP Datasheet HTML 8Page - Opto 22 DC200MP Datasheet HTML 9Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
1
Features
Rugged, epoxy encapsulation construction
4,000 volts of optical isolation
Subjected to full load test and six times the rated
current surge before and after encapsulation
Unique heat-spreader technology
Guaranteed for life
Overview
In 1974, Opto 22 introduced the first liquid epoxy-filled line of
power solid-state relays (SSR). This innovation in SSR design
greatly improved the reliability and reduced the cost of
manufacturing. At that time, we also incorporated into our
manufacturing process 100% testing under full load
conditions of every relay we produced.
By 1978, Opto 22 had gained such a reputation for reliability
that we were recognized as the world’s leading manufacturer
of solid-state relays. Through continuous manufacturing
improvements and the same 100% testing policy established
over 30 years ago, Opto 22 is still recognized today for the very
high quality and reliability of all our solid-state relays.
Description
Opto 22 offers a complete line of SSRs, from the rugged 120/
240/380-volt AC Series to the small footprint MP Series,
designed for mounting on printed circuit boards. All Opto 22
SSRs feature 4,000 volts of optical isolation, and most are UL
and CSA recognized. The innovative use of room-temperature
liquid epoxy encapsulation, coupled with Opto 22’s unique
heat-spreader technology, are key to mass producing the
world’s most reliable solid state relays.
Every Opto 22 solid state relay is subjected to full load test and
six times the rated current surge both before and after
Opto 22 Power
Series SSR
Part Numbers
Part
Description
AC Switching
120A10
120 VAC, 10 Amp, AC Control
120A25
120 VAC, 25 Amp, AC Control
240A10
240 VAC, 10 Amp, AC Control
240A25
240 VAC, 25 Amp, AC Control
240A45
240 VAC, 45 Amp, AC Control
120D3
120 VAC, 3 Amp, DC Control
120D10
120 VAC, 10 Amp, DC Control
120D25
120 VAC, 25 Amp, DC Control
120D45
120 VAC, 45 Amp, DC Control
240D3
240 VAC, 3 Amp, DC Control
240D10
240 VAC, 10 Amp, DC Control
240Di10
240 VAC, 10 Amp, DC Control, with LED Indica-
tors
240D25
240 VAC, 25 Amp, DC Control
240Di25
240 VAC, 25 Amp, DC Control, with LED Indica-
tors
240D30-HS
240 VAC, 30 Amp, DC Control, with integrated
heatsink
240D45
240 VAC, 45 Amp, DC Control
240Di45
240 VAC, 45 Amp, DC Control, with LED Indica-
tors
380D25
380 VAC, 25 Amp, DC Control
380D45
380 VAC, 45 Amp, DC Control
480D10-12
480 VAC, 10 Amp, DC Control, Transient Proof
480D15-12
480 VAC, 15 Amp, DC Control, Transient Proof
480D25-12
480 VAC, 25 Amp, DC Control, Transient Proof
480D25-HS
480 VAC, 25 Amp, DC Control, Transient Proof,
with integrated heatsink
480D45-12
480 VAC, 45 Amp, DC Control, Transient Proof
575D15-12
575 VAC, 15 Amp, DC Control, Transient Proof
575D45-12
575 VAC, 45 Amp, DC Control, Transient Proof
575D30-HS
575 VAC, 30 Amp, DC Control, Transient Proof,
with integrated heatsink
575Di45-12
575 VAC, 45 Amp, DC Control, Transient Proof,
with LED Indicators
MP120D2
or P120D2
120 VAC, 2 Amp, DC Control.
P model is low profile.
MP120D4
or P120D4
120 VAC, 4 Amp, DC Control.
P model is low profile.
MP240D2
or P240D2
240 VAC, 2 Amp, DC.
P model is low profile.
MP240D4
or P240D4
240 VAC, 4 Amp, DC.
P model is low profile.
MP380D4
380 VAC, 4 Amp, DC
Z120D10
Z Model, 120 VAC, 10 Amp, DC Control
Z240D10
Z Model, 240 VAC, 10 Amp, DC Control
DC Switching
DC60P or
DC60MP
60 VDC, 3 Amp, DC Control.
P model is low profile.
DC200P or
DC200MP
200 VDC, 1 Amp, DC Control.
P model is low profile.
DC60S-3
60 VDC, 3 Amp, DC Control
DC60S-5
60 VDC, 5 Amp, DC Control
Accessories
SAFETY COVER
Power Series SSR safety cover
SSR-HS
Power Series SSR heatsink
SSR-THERMOPAD
Thermal conductive pad (pack of 10)
Part
Description
AC Switching


Similar Part No. - DC200MP

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
DC200MP E-OEC-DC200MP Datasheet
753Kb / 23P
Solid-State Relays
More results

Similar Description - DC200MP

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
OV-24DC PHOENIX-OV-24DC Datasheet
168Kb / 4P
Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com