Electronic Components Datasheet Search
  English  ▼

X  

DC200MP Datasheet(PDF) 15 Page - Opto 22

Part # DC200MP
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

DC200MP Datasheet(HTML) 15 Page - Opto 22

Back Button DC200MP Datasheet HTML 11Page - Opto 22 DC200MP Datasheet HTML 12Page - Opto 22 DC200MP Datasheet HTML 13Page - Opto 22 DC200MP Datasheet HTML 14Page - Opto 22 DC200MP Datasheet HTML 15Page - Opto 22 DC200MP Datasheet HTML 16Page - Opto 22 DC200MP Datasheet HTML 17Page - Opto 22 DC200MP Datasheet HTML 18Page - Opto 22 DC200MP Datasheet HTML 19Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
15
Applications: Tips
Heat Sink Calculation
Like all semiconductor devices, SSR current ratings must be based on maximum internal junction temperature. All Opto 22 SSRs
operate conservatively at maximum internal junction temperatures of 110 °C. Use the equation below to calculate the maximum
allowable heat sink thermal resistance for your application. It is good engineering practice to provide a margin for error instead of
running the application right at the limits. If your application is near the thermal limit, it can be helpful to add a fan to move air
across the heat sink.
IMPORTANT: Thermally conductive grease must be used between the relay base and the heat sink.
Sample Calculation 1
120-volt, 20-amp load; 50 °C ambient air temperature
Model: 120D25 SSR.
See the last two columns of the table on page 4 for thermal resistance and dissipation values for the 120D25. Also, see the note at
the bottom of the table.
Dissipation: 1.3 watts/amp
Thermal resistance: 1.2 °C/watt
Maximum junction temperature: 110 °C
The calculation would be as follows:
This calculation indicates that you
should select a heat sink with a thermal
resistance of less than 1.1 °C/watt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com