Electronic Components Datasheet Search
  English  ▼

X  

RF7115 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF7115
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF7115 Datasheet HTML 7Page - RF Micro Devices RF7115 Datasheet HTML 8Page - RF Micro Devices RF7115 Datasheet HTML 9Page - RF Micro Devices RF7115 Datasheet HTML 10Page - RF Micro Devices RF7115 Datasheet HTML 11Page - RF Micro Devices RF7115 Datasheet HTML 12Page - RF Micro Devices RF7115 Datasheet HTML 13Page - RF Micro Devices RF7115 Datasheet HTML 14Page - RF Micro Devices RF7115 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
Product Description
The RF7115 is a high-power, high-efficiency, transmit module (TXM) with fully-integrated power control functionality, harmonic
filtering, band selectivity, and TX/RX switching. The TXM is self-contained, with 50
Ω I/O terminals with four RX ports allowing
true quad band operation. The power control function eliminates all power control circuitry, including directional couplers,
diode detectors, and power control ASIC’s, etc. The power control capability provides 50dB continuous control range, and
70dB total control range, using a DAC-compatible, analog voltage input. The TX Enable feature provides for PA activation (TX
mode) or RX mode/Stand-by. Internal switching provides a low-loss, low-distortion path from the Antenna port to the TX path (or
RX port), while maintaining proper isolation. Integrated filtering provides ETSI compliant harmonic suppression at the antenna
port even under high mismatch conditions, which is important as modern antennas today often present a load that signifi-
cantly deviates from nominal impedance.
Overview
The RF7115 is a true quad-band GSM850, EGSM900, DCS1800, and PCS1900 power amplifier module with fully integrated
power control functionality, harmonic filtering, band selectivity and TX/RX switching. This simplifies the phone design by elimi-
nating the need for the complicated control loop design, harmonic filters, TX/RX switch and possible matching components
between these. The power control loop can be driven directly from the DAC output in the baseband circuit. The module has 4
Rx ports for GSM850. EGSM900, DCS1800, and PCS1900 bands of operation. For optimum performance, it is best to use Rx1
and Rx2 for low band, and Rx3 and Rx4 for high band operation. Best forward isolation can be achieved in these states during
the off mode as well. To control the mode of operation, there are four logic control signals; TX Enable, B1, B2, and B3. Refer to
truth table below for mode of operations. If control signals are limited, eliminate the use of the standby mode and B3 may
remain in the high state for all modes of operation. By also changing the don’t care state (X) of B1 allows minimum control
logic switching between on and off states.
Module Control and Antenna Switch Logic
TX_EN
B1B2B3
TX Module Mode
0
0
0
0
Stand by mode
00
0
1
RX 1
01
0
x
RX 2
00
1
x
RX 3
01
1
x
RX 4
1
x
0
1
TX low band (GSM850/EGSM900)
1
x
1
1
TX high band (DCS1800/PCS1900)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com