Electronic Components Datasheet Search
  English  ▼

X  

RF7115 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF7115
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF7115 Datasheet HTML 14Page - RF Micro Devices RF7115 Datasheet HTML 15Page - RF Micro Devices RF7115 Datasheet HTML 16Page - RF Micro Devices RF7115 Datasheet HTML 17Page - RF Micro Devices RF7115 Datasheet HTML 18Page - RF Micro Devices RF7115 Datasheet HTML 19Page - RF Micro Devices RF7115 Datasheet HTML 20Page - RF Micro Devices RF7115 Datasheet HTML 21Page - RF Micro Devices RF7115 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1
3
4
5
9
6
7
8
2
10
11
22
20
19
18
14
17
16
15
21
13
12
23
J2
ANT
C1
33 pF
J3
RX4
C2
33 pF
J5
RX3
C4
33 pF
J7
RX2
C5
33 pF
J8
RX1
J4
LB RFIN
B1
B2
C3*
DNI
C7*
DNI
+
C6
4.7 uF
+
VBATT
B3
J9
TXEN
TXEN
R5
0
Ω
C12*
DNI
J10
VRAMP
VRAMP
J6
HB RFIN
U1
RF7115
P1
1
2
3
4
5
6
7
8
P1-1
P1-2
P1-3
P1-4
P1-5
P1-7
P1-8
R6
0
Ω
VRAMP
LXEN
GND
R4
10 k
Ω
R3
10 k
Ω
VOUT1
VOUT2
ERROR1
ERROR2
VIN
SD1
SD2
GND
U2
8
7
6
5
1
2
3
4
C10
10 uF
C11
10 uF
S1
8
7
6
5
1
2
3
4
SW-DIP4
R2
10 k
Ω
R1
10 k
Ω
B1
B2
B3
1
P3
GND
1
P2
P2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com