Electronic Components Datasheet Search
  English  ▼

X  

RF5924 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5924
Description  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5924 Datasheet HTML 2Page - RF Micro Devices RF5924 Datasheet HTML 3Page - RF Micro Devices RF5924 Datasheet HTML 4Page - RF Micro Devices RF5924 Datasheet HTML 5Page - RF Micro Devices RF5924 Datasheet HTML 6Page - RF Micro Devices RF5924 Datasheet HTML 7Page - RF Micro Devices RF5924 Datasheet HTML 8Page - RF Micro Devices RF5924 Datasheet HTML 9Page - RF Micro Devices RF5924 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1GND
RF ground connection.
2TX IN
RF input for the 802.11b/g TX section. Input is matched to 50
Ω and DC
block is provided.
3GND
RF ground connection.
4RX IN-
Receive port for 802.11b/g band. Internally matched to 100
Ω differential.
DC block is provided internally.
5RX IN+
Receive port for 802.11b/g band. Internally matched to 100
Ω differential.
DC block is provided internally.
6TRSW-P
Switch control ports (see truth table).
7TRSW-M
Switch control ports (see truth table).
8BTH
RF bidirectional port for Bluetooth. Input is matched to 50
Ω and DC block
is provided internally.
9ANSW-M
Switch control ports (see truth table).
10
ANSW-P
Switch control ports (see truth table).
11
OUT
FEM connection to filter and antenna. Port is matched to 50
Ω and DC
block is provided internally.
12
P_DETECT
Power detector voltage for TX section. PDET voltage varies with output
power. May need external decoupling capacitor for module stability. May
need external circuitry to bring output voltage to desired voltage.
13
VCC
Supply voltage for the 802.11b/g PA. Internally decoupled port with
approximately 100pF. Add an external 1uF capacitor for low frequency
decoupling.
14
NC
No connection.
15
PA_EN
This is the digital enable pin for the 802.11b/g PA. This is an active high
control.
16
GND
RF ground connection.
Pkg
Base
3.50
± 0.10
3.50
± 0.10
1
0.450
± 0.075
1.40
1.25
2.650 TYP
3.400 TYP
1.950 TYP
2.700
0.800
1.250 TYP
0.500 TYP
0.000
0.100 TYP
0.850 TYP
1.550 TYP
1.700 TYP
1.800 TYP
2.250 TYP
2.765
2.935
3.000 TYP
1
Shaded areas represent Pin 1.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com