Electronic Components Datasheet Search
  English  ▼

X  

RF5924 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5924
Description  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5924 Datasheet HTML 1Page - RF Micro Devices RF5924 Datasheet HTML 2Page - RF Micro Devices RF5924 Datasheet HTML 3Page - RF Micro Devices RF5924 Datasheet HTML 4Page - RF Micro Devices RF5924 Datasheet HTML 5Page - RF Micro Devices RF5924 Datasheet HTML 6Page - RF Micro Devices RF5924 Datasheet HTML 7Page - RF Micro Devices RF5924 Datasheet HTML 8Page - RF Micro Devices RF5924 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RX IN+
RX IN-
P_DETECT
VCC
PA_EN
TX IN
OUT
ANSW-P
ANSW-M
Balun
D3-Chip
D1-Chip
Power
Amplifier
PA Filter
D2-Chip
Switch
12
13
4
5
15
2
6
7
8
10
11
9
RF5924
3.7V, SINGLE-BAND FRONT-END MODULE
The RF5924 FEM is a single integrated module for high-performance WLAN applica-
tions in the 2.4GHz to 2.5GHz ISM band. The FEM has integrated b/g power ampli-
fier, power detector, RX balun, and TX filtering. Also, it is capable of switching
between WLAN RX, WLAN TX and BTH RX/TX operations. It has low insertion loss at
the 2.4GHz to 2.5GHz WLAN and BTH paths. The device is provided in a
3.5mmx3.5mm, 16-pin package. This module meets or exceeds the RF front-end
needs of 802.11b/g WLAN RF systems.
Features
Single-Module Radio Front-End
Single Supply Voltage 3.1V to
4.5V
Integrated 2.5GHz b/g Amplifier,
RX Balun and Switch
POUT=16dBm, 11g,
OFDM<3.3% EVM
Applications
IEEE802.11b/g WLAN Applica-
tions
Single-Chip RF Front-End Module
2.5GHz ISM Bands Applications
Wireless LAN Systems
Portable Battery-Powered Equip-
ment
Opt. Bluetooth Sharing of Single
Antenna Port
RF5924
3.7V, Single-Band Front-End Module
RF5924PCBA-41X
Fully Assembled Evaluation Board
Rev A6 DS061018
RF59243.7V,
Single-Band
Front-End
Module
RoHS Compliant & Pb-Free Product
Package Style: 3.5 mm x 3.5 mm


Similar Part No. - RF5924

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5924PCBA-41X RFMD-RF5924PCBA-41X Datasheet
34Kb / 2P
3.7V, SINGLE-BAND FRONT-END MODULE
More results

Similar Description - RF5924

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
3.7V, SINGLE-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
logo
RF Micro Devices
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
3.7V, DUAL-BAND FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com