Electronic Components Datasheet Search
  English  ▼

X  

RF5388 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5388
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5388 Datasheet HTML 6Page - RF Micro Devices RF5388 Datasheet HTML 7Page - RF Micro Devices RF5388 Datasheet HTML 8Page - RF Micro Devices RF5388 Datasheet HTML 9Page - RF Micro Devices RF5388 Datasheet HTML 10Page - RF Micro Devices RF5388 Datasheet HTML 11Page - RF Micro Devices RF5388 Datasheet HTML 12Page - RF Micro Devices RF5388 Datasheet HTML 13Page - RF Micro Devices RF5388 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RF5388
Preliminary
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1
3
4
5
6
7
19
18
11
15
20
12
13
16
17
14
8
9
2
10
22
21
23
25
24
26
28
27
29
30
32
33
40
36
31
39
38
35
34
37
PA EN_g
C3
1 nF
LNA_A
J1
TX_g
J4
TX_a
C13
18 pF
C16
4.7 pF
C21
8.2 pF
C27
8.2 pF
C7
0.5 pF
SW1
R5
12
Ω
C15
N/U
VCC
C17
1 nF
C18
1 uF
L2
5.6 nH
PA EN_a
R3
1 k
Ω
C24
1 nF
R7
6.8
Ω
L1
5.6 nH
C22
1 uF
R6
56
Ω
C20
1 nF
PDG
C14
18 pF
PDA
C19
18 pF
C6
18 pF
C26
1 nF
C8
N/U
C5
10 pF
J3
ANT
R2
12
Ω
C25
4.7 uF
50
Ω μstrip
50
Ω μstrip
C23
N/U
R4
1 k
Ω
VCC
L3
0
Ω
C9
1 nF
C11
N/U
C12
N/U
50
Ω μstrip
50
Ω μstrip
C1
10 pF
SW2
C4
5.6 pF
50
Ω μstrip
50
Ω μstrip
C2
N/U
R1
1 k
Ω
50
Ω μstrip
J5
RX_A
J2
RX_G
P2
1
2
3
4
5
6
CON6
P2-4
PDA
P2-3
PDG
GND
P2-5
VCC
P2-2
SW1
P2-1
SW2
P1
5
4
3
2
1
CON5
P1-5
LNA_A
P1-4
N/C
GND
P1-1
PA_ENA
P1-2
PA_ENG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com