Electronic Components Datasheet Search
  English  ▼

X  

RF5388 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5388
Description  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5388 Datasheet HTML 3Page - RF Micro Devices RF5388 Datasheet HTML 4Page - RF Micro Devices RF5388 Datasheet HTML 5Page - RF Micro Devices RF5388 Datasheet HTML 6Page - RF Micro Devices RF5388 Datasheet HTML 7Page - RF Micro Devices RF5388 Datasheet HTML 8Page - RF Micro Devices RF5388 Datasheet HTML 9Page - RF Micro Devices RF5388 Datasheet HTML 10Page - RF Micro Devices RF5388 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RF5388
Preliminary
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Truth Table
Package Drawing
Pin
Function
Description
Interface Schematic
35
GND
Ground connection.
36
RX_g
Receive port for 802.11b/g band. Internally matched to 50
Ω and DC block is
not provided internally.
37
GND
Ground connection.
38
RX_a
Receive port for 802.11a band. Internally matched to 50
Ω and DC block is pro-
vided internally.
39
GND
Ground connection.
40
GND
Ground connection.
Pkg
Base
GND
Ground connection. The back side of the package should be connected to
ground plane through as short a connection as possible (e.g., PCB vias under
the device are recommended).
Mode #
Description
SW1
SW2
PA EN_a
PA EN_g
LNA EN
1
Transmit, 2.4GHz
H
L
L
H
L
2Receive, 2.4GHz
L
H
L
L
L
3
Transmit, 5.0GHz
H
L
H
L
L
4Receive, 5.0GHz
L
H
L
L
H
Dimensions in mm.
Shaded lead is Pin 1.
C AB
0.10
0.28
0.18
4.50
4.30
0.50
0.30
0.50
4.50
4.30
Pin 1 ID
5.75
0.55
0.45
TYP.
5.75
6.00
2 PLCS
0.10 C
B
6.00
A
R0.2
MAX
0.90
0.70
0.70
0.65
0.05
0.01
SEATING
PLANE
C
0.10 C
0.08 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com