Electronic Components Datasheet Search
  English  ▼

X  

MPQ9841GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPQ9841GL
Description  36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9841GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPQ9841GL Datasheet HTML 16Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 17Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 18Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 19Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 20Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 21Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 22Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 23Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
MPQ9841 – 36V, 1A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9841 Rev. 1.0
www.MonolithicPower.com
20
5/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Figure 3: In-Phase and 180° Out-of-Phase
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the chip starts up, an
internal current source begins charging the
external soft-start capacitor. The internal SS
voltage (VSSI) rises with the soft-start voltage
(VSS), but VSSI is a little different with VSS due to
a 0.5V offset and some delay. When VSS is
lower than 0.5V, VSSI is 0V. VSSI rises from 0V to
0.8V during the period of VSS rising from 0.5V to
1.6V. At this time the error amplifier uses VSSI
as the reference, so the output voltage ramps
up from 0V to the regulated value following VSSI
rising. When VSS reaches 1.6V, VSSI is 0.8V and
overrides the internal VREF, so the error
amplifier uses the internal VREF as the reference. 
The soft-start time (tSS) set by the external SS
capacitor can be calculated with Equation (2):
SS
SS
SS
C(nF) 1.1V
t(ms)
I( A)
(2)
Where CSS is the external SS capacitor, and ISS
is the internal 10μA SS charge current.
There is also an internal fixed 700us soft start.
The final SS time is determined by the longer
time between 700us and the external SS setting
time.
SS can be used for tracking and sequencing.
Pre-Bias Start-Up
At start-up, if VFB is higher than VSSI-150mV,
which means the output has a pre-bias voltage,
neither the HS-FET nor the LS-FET are turned
on until VSSI-150mV is higher than VFB.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from running away thermally. When the
silicon die temperature is higher than its upper
threshold, the power MOSFETs are shut down.
When the temperature is lower than its lower
threshold, thermal shutdown is removed and
the chip is enabled again.
Current Comparator and Current Limit
The power MOSFET current is accurately
sensed via a current sense MOSFET. The
current is then fed to the high-speed current
comparator for current-mode control purposes.
The current comparator takes this sensed
current as one of its inputs. When the HS-FET
is turned on, the comparator is first blanked
until the end of the turn-on transition to avoid
noise. Then the comparator compares the
power switch current with VCOMP. When the
sensed current is higher than VCOMP, the
comparator outputs low to turn off the HS-FET.
The maximum current of the internal power
MOSFET is limited cycle-by-cycle internally.
Hiccup Protection
When the output is shorted to ground, causing
the output voltage to drop below 55% of its
nominal
output,
the
IC
is
shut
down
momentarily and begins discharging the soft-
start capacitor. The IC restarts with a full soft
start when the soft-start capacitor is fully
discharged. This hiccup process is repeated
until the fault is removed.
Start-Up and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts up. The
reference block starts first, generating a stable
reference voltage and current, and then the
internal regulator is enabled. The regulator
provides a stable supply for the rest of the
circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET off for about
50µs to blank any start-up glitches. When the
soft-start block is enabled, the SS output is held
low to ensure that the rest of the circuitries are
ready before slowly ramping up.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. VCOMP
and the internal supply rail are then pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com