Electronic Components Datasheet Search
  English  ▼

X  

MPQ9841GL Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MPQ9841GL
Description  36V, 1A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9841GL Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MPQ9841GL Datasheet HTML 23Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 24Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 25Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 26Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 27Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 28Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 29Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 30Page - Monolithic Power Systems MPQ9841GL Datasheet HTML 31Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
MPQ9841 – 36V, 1A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9841 Rev. 1.0
www.MonolithicPower.com
28
5/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Figure 14: Application Circuit with EMI Filter @VOUT = 5V/1A, FSW = 450kHz
10μF
C1A
0.1μF
C1C
100kΩ
R1
0.1μF
C5
10μH
L1
22μF
C2A
3.3V/1A
EN
VOUT
10μF
C1B
SW
3, 10
EN
5
VIN
2
VOUT
15
VCC
12
BST
11
PGND
PG
7
U1
1μF
C4
100kΩ
R5
PG
GND
VIN
GND
3.3V-36V
MPQ9841
14
SS
AGND
16
FREQ
BIAS
SYNC
6
PHASE
1
8
4.7nF
C3
R2
SYNC
PHASE
169kΩ
22μF
C2B
0.1μF
C1D
C7
NS
R6
NS
Figure 15: 3.3V Fixed Output, FSW = 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com