Electronic Components Datasheet Search
  English  ▼

X  

RF5189 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5189 Datasheet HTML 1Page - RF Micro Devices RF5189 Datasheet HTML 2Page - RF Micro Devices RF5189 Datasheet HTML 3Page - RF Micro Devices RF5189 Datasheet HTML 4Page - RF Micro Devices RF5189 Datasheet HTML 5Page - RF Micro Devices RF5189 Datasheet HTML 6Page - RF Micro Devices RF5189 Datasheet HTML 7Page - RF Micro Devices RF5189 Datasheet HTML 8Page - RF Micro Devices RF5189 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF5189
Rev A8 DS071212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF5189 is a two-stage device with a nominal gain of 25dB in the 2.4GHz to 2.5GHz ISM band. The RF5189 is designed
primarily for IEEE802.11B WLAN applications where the available supply voltage and current are limited. This amplifier will
operate to (and below) the lowest expected voltage made available by a typical PCMCIA slot in a laptop PC, and will maintain
required linearity at decreased supply voltages.
The RF5189 requires only a single positive supply of 3.0V nominal (or greater) to operate to full specifications. Power control is
provided through two bias control input pins (VREG1 and VREG2), but in most applications these are tied together and used as
a single control input.
There is no external matching required on the input and output of the part, thus allowing minimal bill of material (BOM) parts
count in end applications. Both the input and the output of the device are DC-blocked.
For best results, the PA circuit layout from the evaluation board should be copied as closely as possible, particularly the ground
layout and ground vias. Other configurations may also work, but the design process is much easier and quicker if the layout is
copied from the RF5189 evaluation board. Gerber files of our designs are available on request.
The RF5189 is not a difficult part to implement, but care in circuit layout and component selection is always advisable when
designing circuits to operate at 2.5GHz. The choke inductors on VCC2 and BIAS2GND should be chosen so that they are paral-
lel self-resonant at the frequency of operation. In addition, the supply side of the choke inductor on VCC2 should be bypassed
with a capacitor that is series self-resonant at the frequency of operation.
In practice, VCC1 and the supply side of the choke on VCC2 will be tied to the same supply. It is important to isolate VCC1 from
other RF and low-frequency bypass capacitors on this supply line. This can be accomplished using a suitably-long transmission
line which is RF shorted on the other end as described above. Ideally the length of this line will be a quarter wavelength, but it
only needs to be long enough so that the effects of other supply bypass capacitors on the VCC1 line are minimized. If board
space is a concern, this isolation can also be accomplished with an RF choke inductor or ferrite bead.
The RF5189 has primarily been characterized with a voltage on VREG1 and VREG2 of 2.7VDC. However, the RF5189 will oper-
ate from a wide range of control voltages. If you prefer to use a control voltage that is significantly different than 2.7VDC, con-
tact RFMD Sales or Applications Engineering for additional data and guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com