Electronic Components Datasheet Search
  English  ▼

X  

RF5189 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5189 Datasheet HTML 1Page - RF Micro Devices RF5189 Datasheet HTML 2Page - RF Micro Devices RF5189 Datasheet HTML 3Page - RF Micro Devices RF5189 Datasheet HTML 4Page - RF Micro Devices RF5189 Datasheet HTML 5Page - RF Micro Devices RF5189 Datasheet HTML 6Page - RF Micro Devices RF5189 Datasheet HTML 7Page - RF Micro Devices RF5189 Datasheet HTML 8Page - RF Micro Devices RF5189 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
5
6
7
8
9
4
3
2
1
10
11
12
Input
Match
Output
Match
Bias
Interstage
Match
PWR SEN
BIAS1GND
RF IN
NC
RF OUT
RF OUT
RF5189
3V, 2.45GHz LINEAR POWER AMPLIFIER
The RF5189 is a linear, medium-power, high-efficiency amplifier IC designed specif-
ically for battery-powered WLAN applications such as PC cards, mini PCI, and com-
pact flash applications. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed
for use as the final RF amplifier in 2.5GHz WLAN and other spread-spectrum trans-
mitters. The device is provided in a 12-pin QFN package with a backside ground.
The RF5189 is designed to maintain linearity over a wide range of supply voltage
and power output. The RF5189 is designed to reduce end-product BOM count by
integrating all matching circuitry onto the chip.
Features
Single Power Supply 3.0V to
5.0V
+30dBm Saturated Output
Power
25dB Small Signal Gain
High Linearity
2400MHz to 2500MHz Fre-
quency Range
Applications
IEEE802.11B WLAN Applications
2.5GHz ISM Band Applications
Wireless LAN Systems
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
Spread-Spectrum and MMDS
Systems
RF5189
3V, 2.45GHz Linear Power Amplifier
RF5189PCBA-41X
Fully Assembled Evaluation Board
Rev A8 DS071212
RF51893V,
2.45GHz Lin-
ear Power
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 12-Pin, 3 x 3


Similar Part No. - RF5189

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5189 RFMD-RF5189 Datasheet
229Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189PCBA RFMD-RF5189PCBA Datasheet
229Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189PCBA RFMD-RF5189PCBA Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5189

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189 Datasheet
229Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_11 Datasheet
195Kb / 12P
2.45GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com