Electronic Components Datasheet Search
  English  ▼

X  

RF5188 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF5188
Rev A4 DS060310
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Circuit Optimization for Various Output Power Requirements
Output Power (dBm)
Matching Component
Sample Part Number
Typical Efficiency (%)
28
12nH
LQG15HN12NJ02D (Murata)
41
27.5
N/A
42
26.5
0.5pF
GRM1555C1HR50BZ01E (Murata)
42
26
1.0pF
GRM1555C1H1R0BZ01E (Murata)
42
25
1.5pF
GRM1555C1H1R5BZ01E (Murata)
41
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
1 nF
VREG
VMODE
1 nF
1 nF
10 ?F
VCC
1 nF
RF IN
RF OUT
Place this component
next to RF5188 with
minimal trace length to
the PA.
VCC BIAS
L2 = 8.2 nH and may be needed to provide isolation between VCC1 and VCC2 depending on layout.
VCC BIAS can be connected to VCC; however, VCC must be maintained above 1.5 V.
L2
Matching
Component



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com