Electronic Components Datasheet Search
  English  ▼

X  

RF5188 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
]
RF IN
RF OUT
VMODE
GND
VREG
VCC2
VCC2
VCC2
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
RF5188
3V 1950MHZ W-CDMA LINEAR POWER
AMPLIFIER MODULE
The RF5188 is a high-power, high-efficiency linear amplifier module specifically
designed for 3V handheld systems. The device is manufactured on an advanced
third generation GaAs HBT process, and was designed for use as the final RF ampli-
fier in 3V W-CDMA handheld digital cellular equipment, spread-spectrum systems,
and other applications in the 1920MHz to 1980MHz band (Band 1). The RF5188
has a digital control line for low power applications to lower quiescent current. The
RF5188 is assembled in at 16-pin, 3mmx3mm, QFN package.
Features
Input/Output Internally
Matched@50
Ω
27.5dBm Linear Output Power
42% Peak Linear Efficiency
28dB Linear Gain
-42dBc ACLR @ ±5MHz
HSDPA Capable
Applications
3V W-CDMA Band 1 Handsets
Multi-Mode W-CDMA 3G Hand-
sets
3V TD-SCDMA Handsets
Spread-Spectrum Systems
RF5188
3V 1950MHz W-CDMA Linear Power Amplifier Module
RF5188PCBA-41X
Fully Assembled Evaluation Board
Rev A4 DS060310
RF51883V
1950MHz W-
CDMA Linear
Power Ampli-
fier Module
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 3 x 3


Similar Part No. - RF5188

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5188 RFMD-RF5188 Datasheet
89Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188PCBA-41X RFMD-RF5188PCBA-41X Datasheet
89Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF5188

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
3V W-CDMA LINEAR PA MODULE
RF5188 RFMD-RF5188 Datasheet
89Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198_1 Datasheet
214Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com