Electronic Components Datasheet Search
  English  ▼

X  

RF5117 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5117
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5117 Datasheet HTML 4Page - RF Micro Devices RF5117 Datasheet HTML 5Page - RF Micro Devices RF5117 Datasheet HTML 6Page - RF Micro Devices RF5117 Datasheet HTML 7Page - RF Micro Devices RF5117 Datasheet HTML 8Page - RF Micro Devices RF5117 Datasheet HTML 9Page - RF Micro Devices RF5117 Datasheet HTML 10Page - RF Micro Devices RF5117 Datasheet HTML 11Page - RF Micro Devices RF5117 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RF5117
Rev A13 DS071018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Spectral Plot: VCC=3.0V, VREG1=VREG2=2.7V
Spectral Plot: VCC=2.7V, VREG1=VREG2=2.7V
POUT=22.05dBm, PIN=-4.1dBm, ICC~200mA
POUT=19.05dBm, PIN=-6.8dBm, ICC~150mA
ICQ, ICC, POUT versus VREG (Typical)
VCC = 3.0, PIN = -5.0 dBm
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
1.0
1.5
2.0
2.5
3.0
VREG1 , VREG2 (VDC)
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
Icq
Icc
Pout
IREG, POUT versus VREG (Typical)
VCC = 3.0, PIN = -5.0 dBm
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1.0
1.5
2.0
2.5
3.0
VREG1 , VREG2 (VDC)
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
Icq
Pout
2
Offset
18.8 dB
1
Delta 2 [T1]
-40.55 dB
11.723076923 MHz
Delta 3 [T1]
-56.56 dB
-23.900000000 MHz
PRN
LVL
SWP
20 of
20
A
Marker 1 [T1]
22.01 dBm
2.441839744 GHz
RBW
100 kHz
VBW
30 kHz
*
*
SWT
35 ms
802.11B, 5117 proto
Ref
30 dBm
IFOVL
*
1RM
AVG
Comment A: 8 MHz int LPF's, Vcc=3.0 Vreg= 2.7, 200 mA
Date:
26.SEP.2001
01:10:29
Center
2.442 GHz
5 MHz/
Span
50 MHz
-70
-60
-50
-40
3
-30
-20
-10
0
10
20
30
H
Center
2.442 G z
5 MHz/
Span
50 MHz
Comment A: 8 MHz int LPF's, Vcc=Vreg= 2.7, 150 mA
Date:
26.SEP.2001
01:11:53
1
Delta 2 [T1]
-42.31 dB
11.723076923 MHz
Delta 3 [T1]
-58.92 dB
-23.900000000 MHz
10
20
30
Offset
18.8 dB
3
-40
-70
-60
-50
-30
-20
-10
0
SWP20 of20
2
LVL
PRN
IFOVL
1
AVG
*
RM
Ref
30 dBm
Att
40 dB
Marker 1 [T1]
2.441839744 GHz
RBW
100 kHz
*
VBW
30 kHz
*
SWT
35 ms
802.11B, 5117 proto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com