Electronic Components Datasheet Search
  English  ▼

X  

PSL Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PSL
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSL Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PSL Datasheet HTML 1Page - Eaton All Rights Reserved. PSL Datasheet HTML 2Page - Eaton All Rights Reserved. PSL Datasheet HTML 3Page - Eaton All Rights Reserved. PSL Datasheet HTML 4Page - Eaton All Rights Reserved. PSL Datasheet HTML 5Page - Eaton All Rights Reserved. PSL Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
V7-T6-4
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—April 2019 www.eaton.com
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSL Series
Contents
Description
Page
PSL Series
Catalog Number Selection . . . . . . . . . . . . . . . .
V7-T6-5
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-5
Technical Data and Specifications . . . . . . . . . .
V7-T6-6
Power Derating Curves . . . . . . . . . . . . . . . . . .
V7-T6-8
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-8
PSC Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-10
PSG Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-16
ELC Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T6-36
easyRelay Power Supply . . . . . . . . . . . . . . . . . . . .
V7-T6-39
Sensor Power Supply . . . . . . . . . . . . . . . . . . . . . .
V7-T6-43
PSL Series
Product Description
Eaton’s single-phase Low
Profile DIN Rail Power Supply
series offers double isolated
input with no earth
connection required, resulting
in low leakage current and a
longer lifespan. The PSL
series provides a universal
input voltage range of 90–
264 Vac, and a wide
temperature range of –25 °C
to +71 °C with greater than
80% efficiency. The low-
profile series is certified to
safety standard according to
IEC/EN/UL 60950-1
Information Technology
Equipment (ITE) and UL 508
Industrial Control Equipment
(ICE). The series is also fully
compliant with RoHS
Directive 2011/65/EU for
environmental protection.
NEC Class 2 and Limited
Power Source (LPS)
approvals are available for
this product.
Application Description
The Low Profile is part of the
PSL DIN Rail Power Supply
series, which is designed for
use in compact cabinets for
home automations and the
food and beverage industry.
Applications include
communication networks,
sensors, PLCs and many
other electrical systems.
Features, Benefits and
Functions
●
Universal input voltage:
90–264 Vac or 125–375 Vdc
●
Under 100 W power output
at 24 Vdc
●
Wide operating
temperature range:
–25 °C to +71 °C
●
MTBF greater than
500,000 hours ensures
uptime and reliability
●
Protection from
overvoltage, short circuit,
overcurrent and over-
temperature conditions
●
Plastic housings provide
the durability required
to withstand harsh
environments
●
Finger-safe terminals
●
LED indicating light for
DC OK simplifies
troubleshooting
●
Redundancy modules keep
loads up and running in the
event of a device failure
●
NEC Class 2 rated model
●
150% power surge output
●
IP20 protection degree
●
Protection Class 2,
double isolation
●
No earth connection
required
Standards and Certifications
●
UL/cUL Listed 60950
●
UL 60950-1
●
IEC
●
NEC Class 2
●
CE marked
Note: The NEC Class 2 model is
certified as an NEC Class 2 power
source. This means that after a
small startup window, the power
supply cannot exceed a maximum
of 100 W under any circumstances,
including overload, short-circuit or
internal failure.
It also reduces wiring, labor and
additional system components
acting as a short-circuit current
limiter. The redundancy modules
allow for two or more power
supplies to be connected
together to perform parallel or
redundancy operation. Parallel
operation or load sharing is when
the load is split evenly between
two or more power supplies.
Redundancy operation is where
N (number of power supplies)
is required for the load and
one additional power supply is
connected in the event that one
should fail.


Similar Part No. - PSL

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
The Compact Power Transformer
More results

Similar Description - PSL

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
Fairchild Semiconductor
KSH44H11TF FAIRCHILD-KSH44H11TF Datasheet
46Kb / 5P
General Purpose Power and Switching
logo
IC-Haus GmbH
IC-HO ICHAUS-IC-HO Datasheet
788Kb / 2P
GENERAL PURPOSE SENSOR INTERFACE
logo
TDK Electronics
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com