Electronic Components Datasheet Search
  English  ▼

X  

PSL Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # PSL
Description  General-Purpose and Sensor Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSL Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  PSL Datasheet HTML 1Page - Eaton All Rights Reserved. PSL Datasheet HTML 2Page - Eaton All Rights Reserved. PSL Datasheet HTML 3Page - Eaton All Rights Reserved. PSL Datasheet HTML 4Page - Eaton All Rights Reserved. PSL Datasheet HTML 5Page - Eaton All Rights Reserved. PSL Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—April 2019 www.eaton.com
V7-T6-7
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
PSL Series, continued
PSL10E24RP
PSL30E24RP
PSL60E24RP
PSL100E24RP
General / physical data, continued
Vibration
IEC60068–2–6,
Sine wave: 10–500 Hz at 19.6 m/S²
(2G peak); 10 min per cycle,
60 min for all X, Y, Z directions
IEC60068–2–6,
Sine wave: 10–500 Hz at 19.6 m/S²
(2G peak); 10 min per cycle,
60 min for all X, Y, Z directions
IEC60068–2–6,
Sine wave: 10–500 Hz at 19.6 m/S²
(2G peak); 10 min per cycle,
60 min for all X, Y, Z directions
IEC60068–2–6,
Sine wave: 10–500 Hz at 19.6 m/S²
(2G peak); 10 min per cycle,
60 min for all X, Y, Z directions
Shock (operating)
IEC60068–2–27,
Half sine wave: 4 G for a duration of
22 ms, 3 shocks for each 3 directions,
9 times in total
IEC60068–2–27,
Half sine wave: 4 G for a duration of
22 ms, 3 shocks for each 3 directions,
9 times in total
IEC60068–2–27,
Half sine wave: 4 G for a duration of
22 ms, 3 shocks for each 3 directions,
9 times in total
IEC60068–2–27,
Half sine wave: 4 G for a duration of
22 ms, 3 shocks for each 3 directions,
9 times in total
Pollution degree
2222
Altitude
2000 m
2000 m
2000 m
2000 m
Certification and protection
Safety entry low voltage
SELV (EN 60950)
SELV (EN 60950)
SELV (EN 60950)
SELV (EN 60950)
Electrical safety
(of information technology equipment)
UL/C–UL recognized to UL 60950–1
UL/C–UL recognized to UL 60950–1
UL/C–UL recognized to UL 60950–1
UL/C–UL recognized to UL 60950–1
Industrial control equipment
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
UL/C–UL listed to UL 508
Class 2 power supply
UL/C–UL recognized to UL 60950–1
UL/C–UL recognized to UL 60950–1
UL/C–UL recognized to UL 60950–1
UL/C–UL recognized to UL 60950–1
CE
In conformance with EMC directive
2014/30/EU and low-voltage directive
2014/35/EU
In conformance with EMC directive
2014/30/EU and low-voltage directive
2014/35/EU
In conformance with EMC directive
2014/30/EU and low-voltage directive
2014/35/EU
In conformance with EMC directive
2014/30/EU and low-voltage directive
2014/35/EU
Immunity
EN 55024
(EN 61000–4–2, 3, 4, 5, 6, 8,11)
EN 55024
(EN 61000–4–2, 3, 4, 5, 6, 8,11)
EN 55024
(EN 61000–4–2, 3, 4, 5, 6, 8,11)
EN 55024
(EN 61000–4–2, 3, 4, 5, 6, 8,11)
Emissions
EN 55032, EN 61000–3–2 Class A,
EN 61000–3–3
EN 55032, EN 61000–3–2 Class A,
EN 61000–3–3
EN 55032 Class A, EN 61000–3–2
Class A, EN 61000–3–3,
EN 55032, EN 61000–3–2 Class A,
EN 61000–3–3,
RoHS compliant
Yes
Yes
Yes
Yes
Safety and protection
Current limitation at short-circuits approx. Isurge = 150% of PoMax typically
Isurge = 150% of PoMax typically
Isurge = 150% of PoMax typically
Isurge = 150% of PoMax typically
Surge voltage protection against internal
surge voltages
Yes
Yes
Yes
Yes
Protection degree
IP20
IP20
IP20
IP20
Safety class
Class II (No primary earth connection
is required)
Class II without PE connection
Class II without PE connection
Class II without PE connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com