Electronic Components Datasheet Search
  English  ▼

X  

CLC532 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC532_01 Datasheet HTML 1Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 2Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 3Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 4Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 5Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 6Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 7Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 8Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics (Continued)
(+V
CC = +5.0V; −VEE = −5.2V; RIN =50Ω;RL = 500Ω;CCOMP = 10pF; ECL Mode, pin 6 = NC)
Symbol
Parameter
Conditions
Typ
Max/Min Ratings
(Note 2)
Units
Distortion And Noise Performance
INV
Integrated Noise
1MHz to 100MHz
32
42
42
46
µVrms
SNC
Spot Noise Current
3
pA/
Static And DC Performance
VOS
Analog Output Offset Voltage
(Note 5)
1
6.5
3.5
5.5
mV
DVIO
Temperature Coefficient
15
90
20
µV/˚C
VOSM
Analog Output Voltage Matching
TBD
mV
IBN
Analog Input Bias Current
50
250
120
120
µA
DIBN
Temperature Coefficient
0.3
2.0
0.8
µA/˚C
IBNM
Analog Input Bias Current
Matching (Note 5)
TBD
µA
RIN
Analog Input Resistance
200
90
120
120
k
Ω
CIN
Analog Input Capacitance
2
3.0
2.5
2.5
pF
GA
Gain Accuracy (Note 5)
±2V
0.998
0.998
0.998
0.998
V/V
GAM
Gain Matching
±2V
TBD
V/V
ILIN
Integral Endpoint Non-Linearity
±1V (Full Scale)
0.02
0.05
0.03
0.03
%FS
VO
Output Voltage
No Load
±3.4
2.4
2.8
2.8
V
IO
Output Current
45
20
30
30
mA
RO
Output Resistance
DC
1.5
4.0
2.5
2.5
Ω
Digital Input Performance
ECL Mode (Pin 6 Floating)
VIH1
Input Voltage Logic HIGH
−1.1
−1.1
−1.1
V
VIL1
Input Voltage Logic LOW
−1.5
−1.5
−1.5
V
IIH1
Input Current Logic HIGH
14
50
30
30
µA
IIL1
Input Current Logic LOW
50
270
110
110
µA
TTL Mode (pin 6 = +5V)
VIH2
Input Voltage Logic HIGH
2.0
2.0
2.0
V
VIL2
Input Voltage Logic LOW
0.8
0.8
0.8
V
IIH2
Input Current Logic HIGH
14
50
30
30
µA
IIL2
Input Current Logic LOW
50
270
110
110
µA
Power Requirements
ICC
Supply Current (+V
CC = +5.0V)
(Note 5)
No Load
23
30
28
25
mA
IEE
Supply Current (−V
EE = −5.2V)
(Note 5)
No Load
24
31
30
26
mA
PD
Nominal Power Dissipation
No Load
240
mW
PSRR
Power Supply Rejection Ratio
(Note 5)
73
60
64
64
dB
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: The CLC532 does not require external CCOMP capacitors for proper operation.
Note 4: Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit maybe impaired. functional
operability under any of these conditions is not necessarily implied. Exposure to maximum ratings for extended periods may affect device reliability.
Note 5: AJ: 100% tested at +25˚C, sample tested at +85˚C
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com