Electronic Components Datasheet Search
  English  ▼

X  

CLC532 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High Speed 2:1 Analog Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC532_01 Datasheet HTML 1Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 2Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 3Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 4Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 5Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 6Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 7Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 8Page - National Semiconductor (TI) CLC532_01 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CLC532
High Speed 2:1 Analog Multiplexer
General Description
The CLC532 is a high speed 2:1 multiplexer with active input
and output stages. The CLC532 innovative design employs
a closed loop design which dramatically improves accuracy.
This monolithic device is constructed using an advanced
high performance bipolar process.
The CLC532 has been specifically designed to provide set-
tling times of 17ns to 0.01%. Fast settling time, coupled with
the adjustable bandwidth, and channel-to-channel isolation
is better than 80dB @10MHz. Low distortion (−80dBc) makes
the CLC532 an ideal choice for infrared and CCD imaging
systems and spurious signal levels make the CLC532 a very
suitable choice for both I/Q processors and receivers.
The
CLC532
is
offered
in
two
industrial
versions,
CLC532AJP\AJE, specified from −40˚C to +85˚C and pack-
aged in 14-pin plastic DIP14-pin and SOIC packages.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-92035
*Space level versions also available.
*For more information, visit http://www.national.com/mil
Features
n
17ns 12-bit settling time to .01%
n
Low noise – 32µVrms
n
High isolation – 80dB @ 10MHz
n
Low distortion – 80dBc @ 5MHz
n
Adjustable bandwidth–190MHz(max)
Applications
n
Infrared system multiplexing
n
CCD sensor signals
n
Radar I/Q switching
n
High definition video HDTV
n
Test and calibration
Typical Application
Connection Diagram
Ordering Information
Package
Temperature Range
Industrial
Part Number
Package Marking
NSC Drawing
14-Pin Plastic DIP
−40˚C to +85˚C
CLC532AJP
CLC532AJP
N14E
14-Pin Plastic SOIC
−40˚C to +85˚C
CLC532AJE
CLC532AJE
M14A
Settling Time vs. R
L
DS012716-24
DS012716-2
DS012716-4
Pinout
DIP & SOIC
December 2001
© 2001 National Semiconductor Corporation
DS012716
www.national.com


Similar Part No. - CLC532_01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532A8B NSC-CLC532A8B Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532A8L-2A NSC-CLC532A8L-2A Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532AJE NSC-CLC532AJE Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532AJP NSC-CLC532AJP Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532ALC NSC-CLC532ALC Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
More results

Similar Description - CLC532_01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
High-Speed 4:1 Analog Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
High Speed CMOS ANALOG MULTIPLEXER
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com