Electronic Components Datasheet Search
  English  ▼

X  

RF3802 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3802_1 Datasheet HTML 1Page - RF Micro Devices RF3802_1 Datasheet HTML 2Page - RF Micro Devices RF3802_1 Datasheet HTML 3Page - RF Micro Devices RF3802_1 Datasheet HTML 4Page - RF Micro Devices RF3802_1 Datasheet HTML 5Page - RF Micro Devices RF3802_1 Datasheet HTML 6Page - RF Micro Devices RF3802_1 Datasheet HTML 7Page - RF Micro Devices RF3802_1 Datasheet HTML 8Page - RF Micro Devices RF3802_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF3802
Rev A6 DS050609
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
900MHz Band
Frequency
920
960
MHz
P1dB
35.5
36.5
37.0
dBm
dBm
Total Efficiency
34.5
35.5
37.0
%
@ P1dB
Total Power Added Efficiency
33.5
34.5
36.5
%
@ P1dB
Large Signal Power Gain
17
18
20
dB
20dBm<POUT<33dBm
Second Harmonic
-30
dBc
@ P1dB
Third Harmonic
-50
dBc
@ P1dB
Input Return Loss
12
15
dB
Output Return Loss
12
15
dB
OIP3
42.0
dBm
23dBm/tone
46.0
dBm
26dBm/tone
46.0
dBm
28dBm/tone
45.0
46.0
54.0
dBm
30dBm/tone
Noise
6.4
dB
IREF=22mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
Power Supply
Power Supply Voltage
789
V
Supply Current
200
270
350
mA
ICCQ for IREF=22mA
Power Down Current
50
μAVREF=0V, VCC=8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com