Electronic Components Datasheet Search
  English  ▼

X  

RF3802 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3802_1 Datasheet HTML 1Page - RF Micro Devices RF3802_1 Datasheet HTML 2Page - RF Micro Devices RF3802_1 Datasheet HTML 3Page - RF Micro Devices RF3802_1 Datasheet HTML 4Page - RF Micro Devices RF3802_1 Datasheet HTML 5Page - RF Micro Devices RF3802_1 Datasheet HTML 6Page - RF Micro Devices RF3802_1 Datasheet HTML 7Page - RF Micro Devices RF3802_1 Datasheet HTML 8Page - RF Micro Devices RF3802_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF3802
Rev A6 DS050609
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1
VCC1
For input stage.
2VREF
Control for active bias.
3RF IN
For input stage. Requires RF match and DC block.
4VBIAS
Supply for active bias.
5RF OUT/VCC2
For output stage. Requires RF match, bias feed and DC block.
6RF OUT/VCC2
See pin 5.
7RF OUT/VCC2
See pin 5.
8RF OUT/VCC2
See pin 5.
Pkg
Base
GND
Must be soldered to ground pad through as short a path as possible. This path also forms the thermal path
for minimum TJ.
Dimensions in inches.
0.050
TYP
0.022
7 PL
0.025
TYP
0.175
R.008
0.025
0.156
SCALE - 16:1
0.003 TYP
0.005 TYP
Pin 1
0.238
0.200 REF
0.200
0.180
REF
0.0025
0.024
0.005 A
-A-
0.078
REF
0.050 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com