Electronic Components Datasheet Search
  English  ▼

X  

RF3802 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF3802 Datasheet HTML 4Page - RF Micro Devices RF3802 Datasheet HTML 5Page - RF Micro Devices RF3802 Datasheet HTML 6Page - RF Micro Devices RF3802 Datasheet HTML 7Page - RF Micro Devices RF3802 Datasheet HTML 8Page - RF Micro Devices RF3802 Datasheet HTML 9Page - RF Micro Devices RF3802 Datasheet HTML 10Page - RF Micro Devices RF3802 Datasheet HTML 11Page - RF Micro Devices RF3802 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12 of 12
RF3802
Rev A6 DS050609
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Tape and Reel Information
Carrier tape basic dimensions are based on EIA481. The pocket is designed to hold the part for shipping and loading onto SMT
manufacturing equipment, while protecting the boyd and the solder terminals from damaging stresses. The individual pocket
design can vary from vendor to vendor, but wide and pitch will be consistent.
Carrier tape is wound or placed on a shipping reel with a diameter of either 330mm (13inches) or 178mm (7inches). The cen-
ter hub design is large enough to ensure the radius formed by the carrier tape around it does not put unnecessary stress on
the parts.
Prior to shipping, moisture sensitive parts (MSL level 2a to 5a) are baked and placed into the pockets of the carrier tape. A
cover tape is sealed over the top of the entire length of the carrier tape. The reel is sealed in a moisture barrier, ESD bag, which
is placed in a cardboard shipping box. It is important to note that unused moisture sensitive parts need to be resealed in the
moisture barrier bag. If the reels exceed the exposure limit and need to be rebaked, most carrier tape and shipping reels are
not rate as bakeable at 125°C. If baking is required, devices may be baked according to section 4, table 4-1, column 8 of Joint
Industry Standard IPC/JEDECJ-STD-033A.
The following table provides useful information for carrier tape and reels used for shipping the devices described in this docu-
ment.
Carrier Tape Drawing with Part Orientation
RFMD Part Number
Reel
Diameter
Inch (mm)
Hub
Diameter
Inch (mm)
Width
(mm)
Pocket Pitch
(mm)
Feed
Units per
Reel
RF3802TR13
13 (330)
4 (102)
12
8
Single
2500
RF3802TR7
7 (178)
2.4 (61)
12
8
Single
750
4.00 ± 0.10
1.75±.10
0.292
±.013
Sprocket holes toward
rear of reel
15 inch Trailer
Top View
15 inch Leader
Pin 1
Location
Ø1.50±.10
PART NUMBER
YYWW
Trace Code
PART NUMBER
YYWW
Trace Code
PART NUMBER
YYWW
Trace Code
PART NUMBER
YYWW
Trace Code
W
F
Bo
Ko
Ao
P
2.00 ± 0.05
Notes:
1. All dimensions are in millimeters (mm).
2. Unless otherwise specified, all dimension tolerances per EIA-481.
Direction of Feed
Ao = 6.70 ± 0.10
Bo = 5.40 ± 0.10
F = 5.50 ± 0.05
Ko = 2.10 ± 0.10
P = 8.00 ± 0.10
W = 12.00 +0.30/-0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com